Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC230-LD3E Fiches technique(PDF) 45 Page - Nuvoton Technology Corporation

No de pièce NUC230-LD3E
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC230-LD3E Fiches technique(HTML) 45 Page - Nuvoton Technology Corporation

Back Button NUC230-LD3E Datasheet HTML 41Page - Nuvoton Technology Corporation NUC230-LD3E Datasheet HTML 42Page - Nuvoton Technology Corporation NUC230-LD3E Datasheet HTML 43Page - Nuvoton Technology Corporation NUC230-LD3E Datasheet HTML 44Page - Nuvoton Technology Corporation NUC230-LD3E Datasheet HTML 45Page - Nuvoton Technology Corporation NUC230-LD3E Datasheet HTML 46Page - Nuvoton Technology Corporation NUC230-LD3E Datasheet HTML 47Page - Nuvoton Technology Corporation NUC230-LD3E Datasheet HTML 48Page - Nuvoton Technology Corporation NUC230-LD3E Datasheet HTML 49Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 45 of 97
Revision 1.01
6
FUNCTIONAL DESCRIPTION
6.1
ARM® Cortex™-M0 Core
The Cortex™-M0 processor is a configurable, multistage, 32-bit RISC processor, which has an
AMBA AHB-Lite interface and includes an NVIC component. It also has optional hardware debug
functionality. The processor can execute Thumb code and is compatible with other
Cortex™-M
profile processor. The profile supports two modes -Thread mode and Handler mode. Handler
mode is entered as a result of an exception. An exception return can only be issued in Handler
mode. Thread mode is entered on Reset, and can be entered as a result of an exception return.
Figure 6-1 shows the functional controller of processor.
Cortex
TM-M0
Processor
Core
Nested
Vectored
Interrupt
Controller
(NVIC)
Breakpoint
and
Watchpoint
Unit
Debugger
Interface
Bus Matrix
Debug
Access
Port
(DAP)
Debug
Cortex
TM-M0 processor
Cortex
TM-M0 Components
Wakeup
Interrupt
Controller
(WIC)
Interrupts
Serial Wire or
JTAG Debug Port
AHB-Lite
Interface
Figure 6-1 Functional Controller Diagram
The implemented device provides the following components and features:
A low gate count processor:
-
ARMv6-M Thumb
® instruction set
-
Thumb-2 technology
-
ARMv6-M compliant 24-bit SysTick timer
-
A 32-bit hardware multiplier
-
System interface supported with little-endian data accesses
-
Ability to have deterministic, fixed-latency, interrupt handling
-
Load/store-multiples and multicycle-multiplies that can be abandoned and
restarted to facilitate rapid interrupt handling
-
C Application Binary Interface compliant exception model. This is the ARMv6-M,
C Application Binary Interface (C-ABI) compliant exception model that enables
the use of pure C functions as interrupt handlers
-
Low Power Sleep mode entry using Wait For Interrupt (WFI), Wait For Event
(WFE) instructions, or the return from interrupt sleep-on-exit feature


Numéro de pièce similaire - NUC230-LD3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC230-LD3E NUVOTON-NUC230-LD3E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-LD3E NUVOTON-NUC230-LD3E Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
NUC230-LD3E NUVOTON-NUC230-LD3E Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC230-LD3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com