Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC220-VD1N Fiches technique(PDF) 66 Page - Nuvoton Technology Corporation

No de pièce NUC220-VD1N
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC220-VD1N Fiches technique(HTML) 66 Page - Nuvoton Technology Corporation

Back Button NUC220-VD1N Datasheet HTML 62Page - Nuvoton Technology Corporation NUC220-VD1N Datasheet HTML 63Page - Nuvoton Technology Corporation NUC220-VD1N Datasheet HTML 64Page - Nuvoton Technology Corporation NUC220-VD1N Datasheet HTML 65Page - Nuvoton Technology Corporation NUC220-VD1N Datasheet HTML 66Page - Nuvoton Technology Corporation NUC220-VD1N Datasheet HTML 67Page - Nuvoton Technology Corporation NUC220-VD1N Datasheet HTML 68Page - Nuvoton Technology Corporation NUC220-VD1N Datasheet HTML 69Page - Nuvoton Technology Corporation NUC220-VD1N Datasheet HTML 70Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 66 of 107
Rev 1.01
FLASH MEMORY CONTROLLER (FMC)
6.4
6.4.1
Overview
The NuMicro
®
NUC100 series has 128/64/32 Kbytes on-chip embedded Flash for application
program memory (APROM) that can be updated through ISP procedure. The In-System-
Programming (ISP) function enables user to update program memory when chip is soldered on
PCB. After chip is powered on, Cortex
® -M0 CPU fetches code from APROM or LDROM decided
by boot select (CBS) in Config0. By the way, the NuMicro
®
NUC100 series also provides
additional DATA Flash for user to store some application dependent data. For 128 Kbytes
APROM device, the Data Flash is shared with original 128K program memory and its start
address is configurable in Config1. For 64/32 Kbytes APROM device, the Data Flash is fixed at
4K.
6.4.2
Features
Runs up to 50 MHz with zero wait state for continuous address read access
All embedded flash memory supports 512 bytes page erase
128/64/32 KB application program memory (APROM)
4 KB In-System-Programming (ISP) loader program memory (LDROM)
4KB Data Flash for 64/32 KB APROM device
Configurable Data Flash size for 128KB APROM device
Configurable or fixed 4 KB Data Flash with 512 bytes page erase unit
Supports In-Application-Programming (IAP) to switch code between APROM and
LDROM without reset
In-System-Programming (ISP) to update on-chip Flash


Numéro de pièce similaire - NUC220-VD1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC220-VD1N NUVOTON-NUC220-VD1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC220-VD1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com