Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-LE1N Fiches technique(PDF) 4 Page - Nuvoton Technology Corporation

No de pièce NUC140-LE1N
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-LE1N Fiches technique(HTML) 4 Page - Nuvoton Technology Corporation

  NUC140-LE1N Datasheet HTML 1Page - Nuvoton Technology Corporation NUC140-LE1N Datasheet HTML 2Page - Nuvoton Technology Corporation NUC140-LE1N Datasheet HTML 3Page - Nuvoton Technology Corporation NUC140-LE1N Datasheet HTML 4Page - Nuvoton Technology Corporation NUC140-LE1N Datasheet HTML 5Page - Nuvoton Technology Corporation NUC140-LE1N Datasheet HTML 6Page - Nuvoton Technology Corporation NUC140-LE1N Datasheet HTML 7Page - Nuvoton Technology Corporation NUC140-LE1N Datasheet HTML 8Page - Nuvoton Technology Corporation NUC140-LE1N Datasheet HTML 9Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 4 -
Revision V2.03
7.2.3
  Operating Current Curve (Test condition: run NOP).......................................................70 
7.2.4
  Idle Current Curve ..........................................................................................................72 
7.2.5
  Power Down Current Curve............................................................................................74 
7.3 
AC Electrical Characteristics ........................................................................................ 75 
7.3.1
  External 4~24 MHz High Speed Crystal .........................................................................75 
7.3.2
  External 32.768 kHz Low Speed Crystal ........................................................................76 
7.3.3
  Internal 22.1184 MHz High Speed Oscillator..................................................................76 
7.3.4
  Internal 10 kHz Low Speed Oscillator.............................................................................76 
7.4 
Analog Characteristics.................................................................................................. 77 
7.4.1
  Specification of 12-bit SARADC .....................................................................................77 
7.4.2
  Specification of LDO and Power management...............................................................78 
7.4.3
  Specification of Low Voltage Reset ................................................................................79 
7.4.4
  Specification of Brown-Out Detector...............................................................................79 
7.4.5
  Specification of Power-On Reset (5 V)...........................................................................79 
7.4.6
  Specification of Temperature Sensor .............................................................................80 
7.4.7
  Specification of Comparator ...........................................................................................80 
7.4.8
  Specification of USB PHY ..............................................................................................81 
7.5 
Flash DC Electrical Characteristics .............................................................................. 82 
7.6 
SPI Dynamic Characteristics ........................................................................................ 83 
PACKAGE DIMENSIONS......................................................................................................... 85 
8.1 
100L LQFP (14x14x1.4 mm footprint 2.0mm) .............................................................. 85 
8.2 
64L LQFP (10x10x1.4mm footprint 2.0 mm) ................................................................ 86 
8.3 
48L LQFP (7x7x1.4mm footprint 2.0mm) ..................................................................... 87 
REVISION HISTORY ................................................................................................................ 88 


Numéro de pièce similaire - NUC140-LE1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-LE1N NUVOTON-NUC140-LE1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC140-LE1N NUVOTON-NUC140-LE1N Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC140-LE1N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com