Moteur de recherche de fiches techniques de composants électroniques |
|
NUC230-LD2E Fiches technique(PDF) 10 Page - Nuvoton Technology Corporation |
|
NUC230-LD2E Fiches technique(HTML) 10 Page - Nuvoton Technology Corporation |
10 / 97 page NuMicro NUC230/240 Datasheet Dec. 30, 2014 Page 10 of 97 Revision 1.01 – 8 selectable time-out period from 1.6 ms ~ 26.0 sec (depending on clock source) – Wake-up from Power-down or Idle mode – Interrupt or reset selectable on watchdog time-out – Supports 4 selectable Watchdog Timer reset delay period(1026, 130, 18 or 3 WDT_CLK) Window Watchdog Timer – 6-bit down counter with 11-bit prescale for wide range window selected RTC – Supports software compensation by setting frequency compensate register (FCR) – Supports RTC counter (second, minute, hour) and calendar counter (day, month, year) – Supports Alarm registers (second, minute, hour, day, month, year) – Selectable 12-hour or 24-hour mode – Automatic leap year recognition – Supports periodic time tick interrupt with 8 period options 1/128, 1/64, 1/32, 1/16, 1/8, 1/4, 1/2 and 1 second – Supports battery power pin (VBAT) – Supports wake-up function PWM/Capture – Up to four built-in 16-bit PWM generators providing eight PWM outputs or four complementary paired PWM outputs – Each PWM generator equipped with one clock source selector, one clock divider, one 8-bit prescaler and one Dead-Zone generator for complementary paired PWM – Supports One-shot or Auto-reload mode – Up to eight 16-bit digital capture timers (shared with PWM timers) providing eight rising/falling capture inputs – Supports Capture interrupt UART – Up to six UART controllers (three UART controllers are shared with SC) – UART ports with flow control (TXD, RXD, nCTS and nRTS) – UART0 with 64-byte FIFO is for high speed – UART1/2(optional) with 16-byte FIFO for standard device – Supports IrDA (SIR) and LIN function – Supports RS-485 9-bit mode and direction control – Programmable baud-rate generator up to 1/16 system clock – Supports CTS wake-up function (UART0 and UART1 support) – Supports PDMA mode Smart Card Host (SC) – Supports up to three ISO-7816-3 ports Compliant to ISO-7816-3 T=0, T=1 Separate receive / transmit 4 bytes entry FIFO for data payloads Programmable transmission clock frequency Programmable receiver buffer trigger level Programmable guard time selection (11 ETU ~ 266 ETU) One 24-bit and two 8-bit time-out counters for Answer to Request (ATR) and waiting times processing Supports auto inverse convention function Supports transmitter and receiver error retry and error limit function Supports hardware activation sequence process Supports hardware warm reset sequence process Supports hardware deactivation sequence process Supports hardware auto deactivation sequence when detecting the card is removal – Supports up to three UART ports Full duplex, asynchronous communications Supports receiving / transmitting 4-bytes FIFO Supports programmable baud rate generator for each channel Programmable even, odd or no parity bit generation and detection Programmable stop bit, 1 or 2 stop bit generation |
Numéro de pièce similaire - NUC230-LD2E |
|
Description similaire - NUC230-LD2E |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |