Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC130-LD2E Fiches technique(PDF) 85 Page - Nuvoton Technology Corporation

No de pièce NUC130-LD2E
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC130-LD2E Fiches technique(HTML) 85 Page - Nuvoton Technology Corporation

Back Button NUC130-LD2E Datasheet HTML 81Page - Nuvoton Technology Corporation NUC130-LD2E Datasheet HTML 82Page - Nuvoton Technology Corporation NUC130-LD2E Datasheet HTML 83Page - Nuvoton Technology Corporation NUC130-LD2E Datasheet HTML 84Page - Nuvoton Technology Corporation NUC130-LD2E Datasheet HTML 85Page - Nuvoton Technology Corporation NUC130-LD2E Datasheet HTML 86Page - Nuvoton Technology Corporation NUC130-LD2E Datasheet HTML 87Page - Nuvoton Technology Corporation NUC130-LD2E Datasheet HTML 88Page - Nuvoton Technology Corporation NUC130-LD2E Datasheet HTML 89Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 85 of 97
Revision 1.01
PARAMETER
SYM.
SPECIFICATION
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Hysteresis voltage of
PA, PB, PC, PD,PE,
PF (Schmitt input)
VHY
0.2VDD
V
Input Low Voltage
XT1_IN
[*2]
VIL3
0
-
0.8
V
VDD = 4.5V
0
-
0.4
VDD = 3.0V
Input High Voltage
XT1_IN
[*2]
VIH3
3.5
-
VDD
+0.2
V
VDD = 5.5V
2.4
-
VDD
+0.2
VDD = 3.0V
Input Low Voltage
X32I
[*2]
VIL4
0
-
0.4
v
Input High Voltage
X32I
[*2]
VIH4
1.2
1.8
V
Negative going
threshold
(Schmitt input),
/RESET
VILS
-0.5
-
0.2VDD
-0.2
V
Positive going
threshold
(Schmitt input),
/RESET
VIHS
0.7VDD
-
VDD
+0.5
V
Source Current PA,
PB, PC, PD, PE, PF
(Quasi-bidirectional
Mode)
ISR11
-300
-370
-450
A
VDD = 4.5V, VS = 2.4V
ISR12
-50
-70
-90
A
VDD = 2.7V, VS = 2.2V
ISR12
-40
-60
-80
A
VDD = 2.5V, VS = 2.0V
Source Current PA,
PB, PC, PD, PE, PF
(Push-pull Mode)
ISR21
-24
-28
-32
mA
VDD = 4.5V, VS = 2.4V
ISR22
-4
-6
-8
mA
VDD = 2.7V, VS = 2.2V
ISR22
-3
-5
-7
mA
VDD = 2.5V, VS = 2.0V
Sink Current PA, PB,
PC, PD, PE, PF
(Quasi-bidirectional
and Push-pull Mode)
ISK1
10
16
20
mA
VDD = 4.5V, VS = 0.45V
ISK1
7
10
13
mA
VDD = 2.7V, VS = 0.45V
ISK1
6
9
12
mA
VDD = 2.5V, VS = 0.45V
Brown-out Voltage
with
BOD_VL [1:0] = 00b
VBO2.2
2.1
2.2
2.3
V
Brown-out Voltage
with
BOD_VL [1:0] = 01b
VBO2.7
2.6
2.7
2.8
V
Brown-out voltage
with
BOD_VL [1:0] = 10b
VBO3.7
3.5
3.7
3.9
V
Brown-out Voltage
with
BOD_VL [1:0] = 11b
VBO4.4
4.2
4.4
4.6
V


Numéro de pièce similaire - NUC130-LD2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC130-LD2E NUVOTON-NUC130-LD2E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC130-LD2E NUVOTON-NUC130-LD2E Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
NUC130-LD2E NUVOTON-NUC130-LD2E Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC130-LD2E NUVOTON-NUC130-LD2E Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC130-LD2E0 NUVOTON-NUC130-LD2E0 Datasheet
1Mb / 99P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
More results

Description similaire - NUC130-LD2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com