Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GRM42A5C3F100GW01 Fiches technique(PDF) 10 Page - Murata Manufacturing Co., Ltd.

No de pièce GRM42A5C3F100GW01
Description  Chip Multilayer Ceramic Capacitors for General Purpose
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM42A5C3F100GW01 Fiches technique(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button GRM42A5C3F100GW01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM42A5C3F100GW01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM42A5C3F100GW01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM42A5C3F100GW01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM42A5C3F100GW01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM42A5C3F100GW01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM42A5C3F100GW01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GRM42A5C3F100GW01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GRM42A5C3F100GW01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
The surface temperature of the capacitor : 125°C or less
(including self-heating)
2012M/0805(2012M:Metric size code)
C0G(5C) Char. Rated Voltage : DC500V
C0G(5C) Char. Rated Voltage : DC630V
Except for 2012M/0805(2012M:Metric size code)
C0G(5C) Char. Rated Voltage : DC630V
C0G(5C) Char. Rated Voltage : DC1kV
C0G(5C) Char. Rated Voltage : DC3.15kV
The capacitors less than 22pF can be
applied maximum 4.0kV peak to peak
at 100kHz or less only for the ballast or
the resonance usage in the CFL inverter
circuit.
Frequency VS Allowable Sine Wave Voltage
Caution
10
100
1000
10
100
1000
Frequency [kHz]
~470pF
680pF
1000pF
1200pF
2200pF
(630V)
!
JEMCGC-05049F
10


Numéro de pièce similaire - GRM42A5C3F100GW01

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GRM42A5C3F100FW01 MURATA-GRM42A5C3F100FW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM42A5C3F100JW01 MURATA-GRM42A5C3F100JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
More results

Description similaire - GRM42A5C3F100GW01

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A7U2D182JW31 MURATA-GRM21A7U2D182JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com