Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-SC2E Fiches technique(PDF) 64 Page - Nuvoton Technology Corporation

No de pièce NUC140-SC2E
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-SC2E Fiches technique(HTML) 64 Page - Nuvoton Technology Corporation

Back Button NUC140-SC2E Datasheet HTML 60Page - Nuvoton Technology Corporation NUC140-SC2E Datasheet HTML 61Page - Nuvoton Technology Corporation NUC140-SC2E Datasheet HTML 62Page - Nuvoton Technology Corporation NUC140-SC2E Datasheet HTML 63Page - Nuvoton Technology Corporation NUC140-SC2E Datasheet HTML 64Page - Nuvoton Technology Corporation NUC140-SC2E Datasheet HTML 65Page - Nuvoton Technology Corporation NUC140-SC2E Datasheet HTML 66Page - Nuvoton Technology Corporation NUC140-SC2E Datasheet HTML 67Page - Nuvoton Technology Corporation NUC140-SC2E Datasheet HTML 68Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 64 of 97
Revision 1.01
6.5
External Bus Interface (EBI)
6.5.1
Overview
The NuMicro
 NUC100 series LQFP-64 and LQFP-100 package equips an external bus interface
(EBI) for access external device.
To save the connections between external device and this chip, EBI supports address bus and
data bus multiplex mode. And, address latch enable (ALE) signal is used to differentiate the
address and data cycle.
6.5.2
Features
External Bus Interface has the following functions:
Supports external devices with max. 64 KB size (8-bit data width)/128 KB (16-bit data
width)
Supports variable external bus base clock (MCLK) which based on HCLK
Supports 8-bit or 16-bit data width
Supports variable data access time (tACC), address latch enable time (tALE) and
address hold time (tAHD)
Supports address bus and data bus multiplex mode to save the address pins
Supports configurable idle cycle for different access condition: Write command finish
(W2X), Read-to-Read (R2R)


Numéro de pièce similaire - NUC140-SC2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-SC2E NUVOTON-NUC140-SC2E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC140-SC2E NUVOTON-NUC140-SC2E Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
NUC140-SC2E0 NUVOTON-NUC140-SC2E0 Datasheet
1Mb / 99P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
NUC140-SC2E1 NUVOTON-NUC140-SC2E1 Datasheet
1Mb / 99P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
More results

Description similaire - NUC140-SC2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com