Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-LC2E Fiches technique(PDF) 80 Page - Nuvoton Technology Corporation

No de pièce NUC140-LC2E
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-LC2E Fiches technique(HTML) 80 Page - Nuvoton Technology Corporation

Back Button NUC140-LC2E Datasheet HTML 76Page - Nuvoton Technology Corporation NUC140-LC2E Datasheet HTML 77Page - Nuvoton Technology Corporation NUC140-LC2E Datasheet HTML 78Page - Nuvoton Technology Corporation NUC140-LC2E Datasheet HTML 79Page - Nuvoton Technology Corporation NUC140-LC2E Datasheet HTML 80Page - Nuvoton Technology Corporation NUC140-LC2E Datasheet HTML 81Page - Nuvoton Technology Corporation NUC140-LC2E Datasheet HTML 82Page - Nuvoton Technology Corporation NUC140-LC2E Datasheet HTML 83Page - Nuvoton Technology Corporation NUC140-LC2E Datasheet HTML 84Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 80 of 97
Revision 1.01
7
APPLICATION CIRCUIT
AVSS
AVDD
AVCC
DVCC
VSS
VDD
4~24 MHz
crystal
0.1uF
FB
FB
20p
20p
DVCC
10uF/25V
10K
Power
Crystal
Reset
Circuit
nRST
XTAL2
LDO_CAP
NUC2xx
Series
VDD
VSS
nRST
ICE_CLK
ICE_DAT
SWD
Interface
1uF
VDD
VSS
I2C Device
CLK
DIO
SDA0
SCL0
4.7K
VDD
VSS
SPI Device
CS
CLK
MISO
SPISS0
MOSI
SPICLK0
MISO_0
MOSI_0
LDO
RS232 Transceiver
ROUT
TIN
RIN
TOUT
PC COM Port
XTAL1
0.1uF
DVCC
4.7K
DVCC
DVCC
Note: For the SPI device, the chip supply voltage
must be equal to SPI device working voltage. For
example, when the SPI Flash working voltage is
3.3 V, the M05xx chip supply voltage must also
be 3.3V.
UART
[1]
RXD
TXD
CAN Transceiver
R
CAN_H
CAN_L
ODB Port
CAN
CAN_TX
CAN_RX
D
Smart Card
VCC
Smart Card Slot
SC_PWR
SC_RST
SC_CLK
SC_DAT
SC_Detect


Numéro de pièce similaire - NUC140-LC2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-LC2E NUVOTON-NUC140-LC2E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC140-LC2E NUVOTON-NUC140-LC2E Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
NUC140-LC2E NUVOTON-NUC140-LC2E Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC140-LC2E NUVOTON-NUC140-LC2E Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC140-LC2E0 NUVOTON-NUC140-LC2E0 Datasheet
1Mb / 99P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
More results

Description similaire - NUC140-LC2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com