Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC07N08E Fiches technique(PDF) 5 Page - Excelliance MOS Corp.

No de pièce EMC07N08E
Description  N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXCELLIANCE [Excelliance MOS Corp.]
Site Internet  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMC07N08E Fiches technique(HTML) 5 Page - Excelliance MOS Corp.

  EMC07N08E Datasheet HTML 1Page - Excelliance MOS Corp. EMC07N08E Datasheet HTML 2Page - Excelliance MOS Corp. EMC07N08E Datasheet HTML 3Page - Excelliance MOS Corp. EMC07N08E Datasheet HTML 4Page - Excelliance MOS Corp. EMC07N08E Datasheet HTML 5Page - Excelliance MOS Corp. EMC07N08E Datasheet HTML 6Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
 
 
2015/10/8 
p.5 
EMC07N08E
Single Pulse Time( sec ) 
Single Pulse Maximum Power Dissipation
0.01
0
1000
500
0.1
1
2500
1500
2000
3000
10
100
1000
R    = 0.55 C/W
Single Pulse
C
°
T  = 25 C
θJC
°
Q   ‐ Gate Charge( nC )
0
0
2
4
g
10
20
I   = 40A
6
8
10
D
30
40
40V
V   = 20V
DS
Gate Charge Characteristics
V   ‐ Drain‐Source Voltage( V )
2000
0
0
1000
DS
20
Crss
Coss
3000
4000
Ciss
40
60
80
GS
f  =  1MHz
V    = 0 V
Capacitance Characteristics
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Maximum Safe Operating Area
VDS, Drain‐Source Voltage( V )
10μs
100μs
1ms
10ms
DC
  TC=25°C
  RθJC=0.55°C/W
  Vgs=10V
  Single Pulse
RDS
(ON
Lim
ited
3
10
10
2
1
10
10
0
‐1
10
2
10
10
1
0
10
single pulse
D=0.5
0.2
0.1
0.05
0.02
0.01
t2
t1
PDM
※Note :
  1. RθJC(t)=0.55°C/W Max.
  2. Duty Cycle, D=t1/ t2
  3. TJM ‐ TC=PDM*RθJC(t)
Transient Thermal Response Curve
t1,Time( sec )
10
‐2
10
0
‐1
10
10
1
0
10
10
‐1
‐2
10
10
‐3
‐4
10
10
‐5


Numéro de pièce similaire - EMC07N08E

FabricantNo de pièceFiches techniqueDescription
logo
Excelliance MOS Corp.
EMC04N08E EXCELLIANCE-EMC04N08E Datasheet
230Kb / 6P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMC04N08F EXCELLIANCE-EMC04N08F Datasheet
207Kb / 5P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
EMC05DRAF ETC1-EMC05DRAF Datasheet
177Kb / 2P
   .100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
EMC05DRAH ETC1-EMC05DRAH Datasheet
177Kb / 2P
   .100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
EMC05DRAI ETC1-EMC05DRAI Datasheet
177Kb / 2P
   .100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
More results

Description similaire - EMC07N08E

FabricantNo de pièceFiches techniqueDescription
logo
Excelliance MOS Corp.
EMB08N06H EXCELLIANCE-EMB08N06H Datasheet
218Kb / 6P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB09N03V EXCELLIANCE-EMB09N03V Datasheet
212Kb / 5P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB12N03HR EXCELLIANCE-EMB12N03HR Datasheet
218Kb / 6P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB12N06CS EXCELLIANCE-EMB12N06CS Datasheet
230Kb / 5P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB12N10A EXCELLIANCE-EMB12N10A Datasheet
231Kb / 6P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB12N10H EXCELLIANCE-EMB12N10H Datasheet
222Kb / 6P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB16N06A EXCELLIANCE-EMB16N06A Datasheet
231Kb / 6P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB16N06G EXCELLIANCE-EMB16N06G Datasheet
211Kb / 5P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB50N10S EXCELLIANCE-EMB50N10S Datasheet
191Kb / 5P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB55N06G EXCELLIANCE-EMB55N06G Datasheet
184Kb / 5P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMBA5N10V EXCELLIANCE-EMBA5N10V Datasheet
206Kb / 5P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com