Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NUC120-LC1N Datasheet(Fiches technique) 46 Page - Nuvoton Technology Corporation

Numéro de pièce NUC120-LC1N
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 46 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 46 of 107
Rev 1.01
Low Voltage
Reset
Power-on
Reset
Brown-out
Reset
Reset Pulse Width
3.2ms
WDT/WWDT
Reset
~50k ohm
@5v
Reset Pulse Width
2 system clocks
nRESET
VDD
AVDD
CHIP Reset
CHIP_RST(IPRSTC1[0])
CPU Reset
CPU_RST(IPRSTC1[1])
MCU Reset
SYSRESETREQ(AIRCR[2])
BOD_RSTEN(BODCR[3])
Reset Pulse Width
64 WDT clocks
Glitch Filter
36 us
Software Reset
LVR_EN(BODCR[7])
POR_DIS_CODE(PORCR[15:0])
System Reset
Figure 6-2 System Reset Resources
There are a total of 8 reset sources in the NuMicro
® family. In general, CPU reset is used to reset
Cortex
® -M0 only; the other reset sources will reset Cortex® -M0 and all peripherals. However,
there are small differences between each reset source and they are listed in Table 6-1.
Reset Sources
Register
POR
nRESET
WDT
LVR
BOD
CHIP
MCU
CPU
RSTSRC
Bit 0 = 1
Bit 1 = 1
Bit 2 = 1
Bit 3 = 1
Bit 4 = 1
Bit 0 = 1
Bit 5 = 1
Bit 7 = 1
CHIP_RST
(IPRSTC1[0])
0x0
-
-
-
-
-
-
-
BOD_EN
(BODCR[0])
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
-
Reload
from
CONFIG0
Reload
from
CONFIG0
-
BOD_VL
(BODCR[2:1])
BOD_RSTEN
(BODCR[3])
XTL12M_EN
(PWRCON[0])
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
-
WDT_EN
(APBCLK[0])
0x1
-
0x1
-
-
0x1
-
-
HCLK_S
(CLKSEL0[2:0])
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
-
WDT_S
0x3
0x3
-
-
-
-
-
-




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl