Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC100-LC1N Fiches technique(PDF) 96 Page - Nuvoton Technology Corporation

No de pièce NUC100-LC1N
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100-LC1N Fiches technique(HTML) 96 Page - Nuvoton Technology Corporation

Back Button NUC100-LC1N Datasheet HTML 92Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 93Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 94Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 95Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 96Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 97Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 98Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 99Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 100Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 96 of 107
Rev 1.01
XT1_IN
XT1_OUT
C1
R
C2
Figure 8-1 Typical Crystal Application Circuit
8.3.3
External 32.768 kHz Low Speed Crystal Oscillator
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Operation Voltage VDD
-
2.5
-
5.5
V
Operation Temperature
-
-40
-
85
Operation Current
32.768KHz at VDD=5V
1.5
A
Clock Frequency
External crystal
-
32.768
-
kHz
8.3.4
Internal 22.1184 MHz High Speed Oscillator
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Operation Voltage VDD
-
2.5
-
5.5
V
Center Frequency
-
-
22.1184
-
MHz
Calibrated Internal Oscillator Frequency
+25℃; VDD =5 V
-1
-
+1
%
-40℃~+85℃;
VDD=2.5 V~5.5 V
-3
-
+3
%
Operation Current
VDD =5 V
-
500
-
uA
8.3.5
Internal 10 kHz Low Speed Oscillator
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Operation Voltage VDD
-
2.5
-
5.5
V
Center Frequency
-
-
10
-
kHz
Calibrated Internal Oscillator Frequency
+25℃; VDD =5 V
-30
-
+30
%


Numéro de pièce similaire - NUC100-LC1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC100-LC1N NUVOTON-NUC100-LC1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC100-LC1N NUVOTON-NUC100-LC1N Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC100-LC1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com