Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMBJ0N20Q Fiches technique(PDF) 5 Page - Excelliance MOS Corp.

No de pièce EMBJ0N20Q
Description  N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXCELLIANCE [Excelliance MOS Corp.]
Site Internet  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMBJ0N20Q Fiches technique(HTML) 5 Page - Excelliance MOS Corp.

  EMBJ0N20Q Datasheet HTML 1Page - Excelliance MOS Corp. EMBJ0N20Q Datasheet HTML 2Page - Excelliance MOS Corp. EMBJ0N20Q Datasheet HTML 3Page - Excelliance MOS Corp. EMBJ0N20Q Datasheet HTML 4Page - Excelliance MOS Corp. EMBJ0N20Q Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 
 
2012/8/15 
p.5 
EMBJ0N20Q
DC
V    ‐ Drain‐Source Voltage( V )
Maximum Safe Operating Area
  V   = 10V
  Single Pulse
  R    = 150°C/W
  T   = 25°C
DS
JA
A
GS
    
  L
im
it
DS
(O
N)
100μs
10ms
100ms
1ms
0.01
0.1
1
10
1
10
100
1000
1s
20
0
10
30
40
50
Single Pulse
R    = 150°C/W
T  = 25°C
A
θJA
t  ,Time ( sec )
0.001
0.01
0.1
1
100
10
1
1000
Single Pulse Maximum Power Dissipation
‐1
t  ,Time (sec)
Transient Thermal Response Curve
10
0.001
‐4
0.01
0.02
10
‐3
10
‐2
10
Single Pulse
0.01
Duty Cycle = 0.5
0.1
0.1
0.05
0.2
1
P
θ
JA
4.R    (t)=r(t) + R
3.T  ‐  T   = P * R     (t)
θ
JA
2.R     = 150°C/W
1.Duty Cycle,D =
DM
1
110
J
1000
100
t1
t2
θ
JA
θ
JA
A
t2
t1
Notes:
Q   ‐ Gate Charge( nC )
0
0
2
4
g
5
10
I   = 0.55A
6
8
10
D
20
25
100V
V     = 50V
DS
Gate Charge Characteristics
15
V   ‐ Drain‐Source Voltage( V )
400
0
0
200
DS
50
Crss
Coss
600
800
Ciss
100
150
200
GS
f  =  1MHz
V    = 0 V
Capacitance Characteristics
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 


Numéro de pièce similaire - EMBJ0N20Q

FabricantNo de pièceFiches techniqueDescription
logo
Excelliance MOS Corp.
EMBJ0N20A EXCELLIANCE-EMBJ0N20A Datasheet
229Kb / 6P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMBJ0N20CS EXCELLIANCE-EMBJ0N20CS Datasheet
228Kb / 5P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMBJ0N20G EXCELLIANCE-EMBJ0N20G Datasheet
182Kb / 5P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Description similaire - EMBJ0N20Q

FabricantNo de pièceFiches techniqueDescription
logo
Excelliance MOS Corp.
EMB08N06H EXCELLIANCE-EMB08N06H Datasheet
218Kb / 6P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB09N03V EXCELLIANCE-EMB09N03V Datasheet
212Kb / 5P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB12N03HR EXCELLIANCE-EMB12N03HR Datasheet
218Kb / 6P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB12N06CS EXCELLIANCE-EMB12N06CS Datasheet
230Kb / 5P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB12N10A EXCELLIANCE-EMB12N10A Datasheet
231Kb / 6P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB12N10H EXCELLIANCE-EMB12N10H Datasheet
222Kb / 6P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB16N06A EXCELLIANCE-EMB16N06A Datasheet
231Kb / 6P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB16N06G EXCELLIANCE-EMB16N06G Datasheet
211Kb / 5P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB50N10S EXCELLIANCE-EMB50N10S Datasheet
191Kb / 5P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB55N06G EXCELLIANCE-EMB55N06G Datasheet
184Kb / 5P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMBA5N10V EXCELLIANCE-EMBA5N10V Datasheet
206Kb / 5P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com