Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC240-LE3N Fiches technique(PDF) 57 Page - Nuvoton Technology Corporation

No de pièce NUC240-LE3N
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC240-LE3N Fiches technique(HTML) 57 Page - Nuvoton Technology Corporation

Back Button NUC240-LE3N Datasheet HTML 53Page - Nuvoton Technology Corporation NUC240-LE3N Datasheet HTML 54Page - Nuvoton Technology Corporation NUC240-LE3N Datasheet HTML 55Page - Nuvoton Technology Corporation NUC240-LE3N Datasheet HTML 56Page - Nuvoton Technology Corporation NUC240-LE3N Datasheet HTML 57Page - Nuvoton Technology Corporation NUC240-LE3N Datasheet HTML 58Page - Nuvoton Technology Corporation NUC240-LE3N Datasheet HTML 59Page - Nuvoton Technology Corporation NUC240-LE3N Datasheet HTML 60Page - Nuvoton Technology Corporation NUC240-LE3N Datasheet HTML 61Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 57 of 97
Revision 1.01
6.3 Clock Controller
6.3.1 Overview
The clock controller generates the clocks for the whole chip, including system clocks and all
peripheral clocks. The clock controller also implements the power control function with the
individually clock ON/OFF control, clock source selection and clock divider. The chip enters
Power-down mode when
Cortex™-M0 core executes the WFI instruction only if the
PWR_DOWN_EN (PWRCON[7]) bit and PD_WAIT_CPU (PWRCON[8]) bit are both set to 1.
After that, chip enters Power-down mode and wait for wake-up interrupt source triggered to leave
Power-down mode. In the Power-down mode, the clock controller turns off the 4~24 MHz external
high speed crystal oscillator and 22.1184 MHz internal high speed RC oscillator to reduce the
overall system power consumption. The following figures show the clock generator and the
overview of the clock source control.
The clock generator consists of 5 clock sources as listed below:
32.768 kHz external low speed crystal oscillator (LXT)
4~24 MHz external high speed crystal oscillator (HXT)
Programmable PLL output clock frequency (PLL source can be selected from external
4~24 MHz external high speed crystal oscillator (HXT) or 22.1184 MHz internal high
speed RC oscillator (HIRC)) (PLL FOUT)
22.1184 MHz internal high speed RC oscillator (HIRC)
10 kHz internal low speed RC oscillator (LIRC)


Numéro de pièce similaire - NUC240-LE3N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC240-LE3N NUVOTON-NUC240-LE3N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC240-LE3N NUVOTON-NUC240-LE3N Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
NUC240-LE3N NUVOTON-NUC240-LE3N Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC240-LE3N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com