Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC130-VD3N Fiches technique(PDF) 56 Page - Nuvoton Technology Corporation

No de pièce NUC130-VD3N
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC130-VD3N Fiches technique(HTML) 56 Page - Nuvoton Technology Corporation

Back Button NUC130-VD3N Datasheet HTML 52Page - Nuvoton Technology Corporation NUC130-VD3N Datasheet HTML 53Page - Nuvoton Technology Corporation NUC130-VD3N Datasheet HTML 54Page - Nuvoton Technology Corporation NUC130-VD3N Datasheet HTML 55Page - Nuvoton Technology Corporation NUC130-VD3N Datasheet HTML 56Page - Nuvoton Technology Corporation NUC130-VD3N Datasheet HTML 57Page - Nuvoton Technology Corporation NUC130-VD3N Datasheet HTML 58Page - Nuvoton Technology Corporation NUC130-VD3N Datasheet HTML 59Page - Nuvoton Technology Corporation NUC130-VD3N Datasheet HTML 60Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 56 of 97
Revision 1.01
6.2.6.2 Vector Table
When an interrupt is accepted, the processor will automatically fetch the starting address of the
interrupt service routine (ISR) from a vector table in memory. For ARMv6-M, the vector table base
address is fixed at 0x00000000. The vector table contains the initialization value for the stack
pointer on reset, and the entry point addresses for all exception handlers. The vector number on
previous page defines the order of entries in the vector table associated with exception handler
entry as illustrated in previous section.
Vector Table Word Offset
Description
0
SP_main
– The Main stack pointer
Vector Number
Exception Entry Pointer using that Vector Number
Table 6-4 Vector Table Format
6.2.6.3 Operation Description
NVIC interrupts can be enabled and disabled by writing to their corresponding Interrupt Set-
Enable or Interrupt Clear-Enable register bit-field. The registers use a write-1-to-enable and write-
1-to-clear policy, both registers reading back the current enabled state of the corresponding
interrupts. When an interrupt is disabled, interrupt assertion will cause the interrupt to become
Pending, however, the interrupt will not activate. If an interrupt is Active when it is disabled, it
remains in its Active state until cleared by reset or an exception return. Clearing the enable bit
prevents new activations of the associated interrupt.
NVIC interrupts can be pended/un-pended using a complementary pair of registers to those used
to enable/disable the interrupts, named the Set-Pending Register and Clear-Pending Register
respectively. The registers use a write-1-to-enable and write-1-to-clear policy, both registers
reading back the current pended state of the corresponding interrupts. The Clear-Pending
Register has no effect on the execution status of an Active interrupt.
NVIC interrupts are prioritized by updating an 8-bit field within a 32-bit register (each register
supporting four interrupts).
The general registers associated with the NVIC are all accessible from a block of memory in the
System Control Space and will be described in next section.
6.2.7 System Control
The
Cortex™-M0 status and operating mode control are managed by System Control Registers.
Including CPUID, Cortex™-M0 interrupt priority and Cortex™-M0 power management can be
controlled through these system control registers.
For more detailed information, please refer to the “ARM
® Cortex™-M0 Technical Reference
Manual” and “ARM
® v6-M Architecture Reference Manual”.


Numéro de pièce similaire - NUC130-VD3N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC130-VD3N NUVOTON-NUC130-VD3N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC130-VD3N NUVOTON-NUC130-VD3N Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
NUC130-VD3N NUVOTON-NUC130-VD3N Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC130-VD3N NUVOTON-NUC130-VD3N Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC130-VD3N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com