Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC100-LC1N Fiches technique(PDF) 49 Page - Nuvoton Technology Corporation

No de pièce NUC100-LC1N
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100-LC1N Fiches technique(HTML) 49 Page - Nuvoton Technology Corporation

Back Button NUC100-LC1N Datasheet HTML 45Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 46Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 47Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 48Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 49Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 50Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 51Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 52Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 53Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 49 -
Revision V2.03
5.11.2 Features
18-bit free running counter to avoid chip from Watchdog timer reset before the delay time
expires.
Selectable time-out interval (2
4 ~ 218) and the time out interval is 104 ms ~ 26.3168 s (if
WDT_CLK = 10 kHz).
Reset period = (1 / 10 kHz) * 63, if WDT_CLK = 10 kHz.
5.12 UART Interface Controller (UART)
NuMicro
™ NUC100/NUC120 Medium Density provides up to three channels of Universal
Asynchronous Receiver/Transmitters (UART). UART0 supports High Speed UART and UART1~2
perform Normal Speed UART, besides, only UART0 and UART1 support flow control function.
NuMicro
™ NUC100/NUC120 Low Density only supports UART0 and UART1.
5.12.1 Overview
The Universal Asynchronous Receiver/Transmitter (UART) performs a serial-to-parallel
conversion on data received from the peripheral, and a parallel-to-serial conversion on data
transmitted from the CPU. The UART controller also supports IrDA SIR Function and RS-485
mode functions. Each UART channel supports seven types of interrupts including transmitter
FIFO empty interrupt (INT_THRE), receiver threshold level reaching interrupt (INT_RDA), line
status interrupt (parity error or framing error or break interrupt) (INT_RLS), receiver buffer time out
interrupt (INT_TOUT), MODEM/Wake-up status interrupt (INT_MODEM) and Buffer error interrupt
(INT_BUF_ERR). Inte
umber 12 (vector number
is 28); Interrupt number 13 (vector number is 29) only supports UART1 interrupt. Refer to Nested
Vectored Interrupt Controller chapter for System Interrupt Map.
The UART0 is built-in with a 64-byte transmitter FIFO (TX_FIFO) and a 64-byte receiver FIFO
(RX_FIFO) that reduces the number of interrupts presented to the CPU and the UART1~2 are
equipped 16-byte transmitter FIFO (TX_FIFO) and 16-byte receiver FIFO (RX_FIFO). The CPU
can read the status of the UART at any time during the operation. The reported status information
includes the type and condition of the transfer operations being performed by the UART, as well
as 4 error conditions (parity error, framing error, break interrupt and buffer error) probably occur
while receiving data. The UART includes a programmable baud rate generator that is capable of
dividing clock input by divisors to produce the serial clock that transmitter and receiver need. The
baud rate equation is Baud Rate = UART_CLK / M * [BRD + 2], where M and BRD are defined in
Baud Rate Divider Register (UA_BAUD). Table 5-6 lists the equations in the various conditions
and Table 5-7 list the UART baud rate setting table.
rrupts of UART0 and UART2 share the interrupt n
Mode
DIV_X_EN
DIV_X_ONE
Divider X
BRD Baud rate equation
0
0
0
B
A
UART_CLK / [16 * (A+2)]
1
1
0
B
A
UART_CLK / [(B+1) * (A+2)] , B must >= 8
2
1
1
Don’t care
A
UART_CLK / (A+2), A must >=3
Table 5-6 UART Baud Rate Equation


Numéro de pièce similaire - NUC100-LC1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC100-LC1N NUVOTON-NUC100-LC1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC100-LC1N NUVOTON-NUC100-LC1N Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC100-LC1N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com