Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC100-LC1N Fiches technique(PDF) 43 Page - Nuvoton Technology Corporation

No de pièce NUC100-LC1N
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100-LC1N Fiches technique(HTML) 43 Page - Nuvoton Technology Corporation

Back Button NUC100-LC1N Datasheet HTML 39Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 40Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 41Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 42Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 43Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 44Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 45Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 46Page - Nuvoton Technology Corporation NUC100-LC1N Datasheet HTML 47Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 43 -
Revision V2.03
the PWM counter 0/1/2/3 will be reload at this moment.
ture is confined by the capture interrupt
ll do at least three steps, they are: Read
pt source and Read CRLRx/CFLRx(x=0~3) to get capture value and finally write
zero. If interrupt latency will take time T0 to finish, the capture signal mustn’t
5.7.
5.7.
5.7.
port 8 Capture input channels shared with 8 PWM output channels (NuMicro
The maximum captured frequency that PWM can cap
latency. When capture interrupt occurred, software wi
PIIR to get interru
1 to clear PIIR to
transition during this interval (T0). In this case, the maximum capture frequency will be 1/T0. For
example:
HCLK = 50 MHz, PWM_CLK = 25 MHz, Interrupt latency is 900 ns
So the maximum capture frequency will is 1/900ns ≈ 1000 kHz
2
Features
2.1
PWM function features:
PWM group has two PWM generators. Each PWM generator supports one 8-bit
prescaler, one clock divider, two PWM-timers (down counter), one dead-zone
generator and two PWM outputs.
Up to 16-bit resolution
PWM Interrupt request synchronized with PWM period
One-shot or Auto-reload mode PWM
Up to 2 PWM group (PWMA/PWMB) to support 8 PWM channels or 4 PWM paired
channels (only 1 PWM group support for NuMicro
™ NUC100/NUC120 Low Density)
2.2
Capture Function Features:
Timing control logic shared with PWM Generators
Sup
NUC100/NUC120 Low Density only support 4 Capture input channels shared with 4
PWM output channels)
Each channel supports one rising latch register (CRLR), one falling latch register
(CFLR) and Capture interrupt flag (CAPIFx)


Numéro de pièce similaire - NUC100-LC1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC100-LC1N NUVOTON-NUC100-LC1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC100-LC1N NUVOTON-NUC100-LC1N Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC100-LC1N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com