Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NUC120-VB1N Datasheet(Fiches technique) 35 Page - Nuvoton Technology Corporation

Numéro de pièce NUC120-VB1N
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 35 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 35 of 107
Rev 1.01
Pin No.
Pin Name
Pin Type Description
LQFP
100-pin
LQFP
64-pin
LQFP
48-pin
MOSI30
I/O
1
st SPI3 MOSI (Master Out, Slave In) pin.
17
PD.12
I/O
General purpose digital I/O pin.
MISO31
I/O
2
nd SPI3 MISO (Master In, Slave Out) pin.
18
PD.13
I/O
General purpose digital I/O pin.
MOSI31
I/O
2
nd SPI3 MOSI (Master Out, Slave In) pin.
19
10
8
PB.4
I/O
General purpose digital I/O pin.
RXD1
I
Data receiver input pin for UART1.
20
11
9
PB.5
I/O
General purpose digital I/O pin.
TXD1
O
Data transmitter output pin for UART1.
21
12
PB.6
I/O
General purpose digital I/O pin.
RTS1
O
Request to Send output pin for UART1.
ALE
O
EBI address latch enable output pin
22
13
PB.7
I/O
General purpose digital I/O pin.
CTS1
I
Clear to Send input pin for UART1.
nCS
O
EBI chip select enable output pin
23
14
10
LDO
P
LDO output pin
24
15
11
VDD
P
Power supply for I/O ports and LDO source for internal PLL and
digital circuit.
25
16
12
VSS
P
Ground pin for digital circuit.
26
PE.8
I/O
General purpose digital I/O pin.
27
PE.7
I/O
General purpose digital I/O pin.
28
17
13
VBUS
USB
Power supply from USB host or HUB.
29
18
14
VDD33
USB
Internal power regulator output 3.3V decoupling pin.
30
19
15
D-
USB
USB differential signal D-.
31
20
16
D+
USB
USB differential signal D+.
32
21
17
PB.0
I/O
General purpose digital I/O pin.
RXD0
I
Data receiver input pin for UART0.
33
22
18
PB.1
I/O
General purpose digital I/O pin.
TXD0
O
Data transmitter output pin for UART0.
34
23
29
PB.2
I/O
General purpose digital I/O pin.
RTS0
O
Request to Send output pin for UART0.
T2EX
I
Timer2 external capture input pin.
nWRL
O
EBI low byte write enable output pin




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl