Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC240-RB1N Fiches technique(PDF) 34 Page - Nuvoton Technology Corporation

No de pièce NUC240-RB1N
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC240-RB1N Fiches technique(HTML) 34 Page - Nuvoton Technology Corporation

Back Button NUC240-RB1N Datasheet HTML 30Page - Nuvoton Technology Corporation NUC240-RB1N Datasheet HTML 31Page - Nuvoton Technology Corporation NUC240-RB1N Datasheet HTML 32Page - Nuvoton Technology Corporation NUC240-RB1N Datasheet HTML 33Page - Nuvoton Technology Corporation NUC240-RB1N Datasheet HTML 34Page - Nuvoton Technology Corporation NUC240-RB1N Datasheet HTML 35Page - Nuvoton Technology Corporation NUC240-RB1N Datasheet HTML 36Page - Nuvoton Technology Corporation NUC240-RB1N Datasheet HTML 37Page - Nuvoton Technology Corporation NUC240-RB1N Datasheet HTML 38Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 34 of 107
Rev 1.01
4.3.2
NuMicro
® NUC120 Pin Description
Pin No.
Pin Name
Pin Type Description
LQFP
100-pin
LQFP
64-pin
LQFP
48-pin
1
PE.15
I/O
General purpose digital I/O pin.
2
PE.14
I/O
General purpose digital I/O pin.
3
PE.13
I/O
General purpose digital I/O pin.
4
1
PB.14
I/O
General purpose digital I/O pin.
/INT0
I
External interrupt0 input pin.
SPISS31
I/O
2
nd SPI3 slave select pin.
5
2
PB.13
I/O
General purpose digital I/O pin.
CPO1
O
Comparator1 output pin.
AD1
I/O
EBI Address/Data bus bit1
6
3
1
PB.12
I/O
General purpose digital I/O pin.
CPO0
O
Comparator0 output pin
CLKO
O
Frequency Divider output pin
AD0
I/O
EBI Address/Data bus bit0
7
4
2
X32O
O
External 32.768 kHz low speed crystal output pin
8
5
3
X32I
I
External 32.768 kHz low speed crystal input pin
9
6
4
PA.11
I/O
General purpose digital I/O pin.
I2C1SCL
I/O
I
2C1 clock pin.
nRD
O
EBI read enable output pin
10
7
5
PA.10
I/O
General purpose digital I/O pin.
I2C1SDA
I/O
I
2C1 data input/output pin.
nWR
O
EBI write enable output pin
11
8
6
PA.9
I/O
General purpose digital I/O pin.
I2C0SCL
I/O
I
2C0 clock pin.
12
9
7
PA.8
I/O
General purpose digital I/O pin.
I2C0SDA
I/O
I
2C0 data input/output pin.
13
PD.8
I/O
General purpose digital I/O pin.
SPISS30
I/O
1
st SPI3 slave select pin.
14
PD.9
I/O
General purpose digital I/O pin.
SPICLK3
I/O
SPI3 serial clock pin.
15
PD.10
I/O
General purpose digital I/O pin.
MISO30
I/O
1
st SPI3 MISO (Master In, Slave Out) pin.
16
PD.11
I/O
General purpose digital I/O pin.


Numéro de pièce similaire - NUC240-RB1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC240-LC1C NUVOTON-NUC240-LC1C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC240-LC1E NUVOTON-NUC240-LC1E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC240-LC1N NUVOTON-NUC240-LC1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC240-LC2C NUVOTON-NUC240-LC2C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC240-LC2C NUVOTON-NUC240-LC2C Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC240-RB1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com