Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-LD3N Fiches technique(PDF) 62 Page - Nuvoton Technology Corporation

No de pièce NUC140-LD3N
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-LD3N Fiches technique(HTML) 62 Page - Nuvoton Technology Corporation

Back Button NUC140-LD3N Datasheet HTML 58Page - Nuvoton Technology Corporation NUC140-LD3N Datasheet HTML 59Page - Nuvoton Technology Corporation NUC140-LD3N Datasheet HTML 60Page - Nuvoton Technology Corporation NUC140-LD3N Datasheet HTML 61Page - Nuvoton Technology Corporation NUC140-LD3N Datasheet HTML 62Page - Nuvoton Technology Corporation NUC140-LD3N Datasheet HTML 63Page - Nuvoton Technology Corporation NUC140-LD3N Datasheet HTML 64Page - Nuvoton Technology Corporation NUC140-LD3N Datasheet HTML 65Page - Nuvoton Technology Corporation NUC140-LD3N Datasheet HTML 66Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 62 of 97
Revision 1.01
6.3.4 Frequency Divider Output
This device is equipped with a power-of-2 frequency divider which is composed by16 chained
divide-by-2 shift registers. One of the 16 shift register outputs selected by a sixteen to one
multiplexer is reflected to CLKO function pin. Therefore there are 16 options of power-of-2 divided
clocks with the frequency from Fin/2
1 to F
in/2
16 where Fin is input clock frequency to the clock
divider.
The output formula is Fout = Fin/2
(N+1), where F
in is the input clock frequency, Fout is the clock
divider output frequency and N is the 4-bit value in FSEL (FRQDIV[3:0]).
When writing 1 to DIVIDER_EN (FRQDIV[4]), the chained counter starts to count. When writing 0
to DIVIDER_EN (FRQDIV[4]), the chained counter continuously runs till divided clock reaches low
state and stay in low state.
If DIVIDER1(FRQDIV[5]) is set to 1, the frequency divider clock (FRQDIV_CLK) will bypass
power-of-2 frequency divider. The frequency divider clock will be output to CLKO pin directly.
11
10
01
00
HCLK
32.768 kHz
4~24 MHz
22.1184 MHz
FRQDIV_S (CLKSEL2[3:2])
FDIV_EN(APBCLK[6])
FRQDIV_CLK
Figure 6-8 Clock Source of Frequency Divider
0000
0001
1110
1111
:
:
16 to 1
MUX
1/2
1/22
1/23
1/215
1/216
…...
FSEL
(FRQDIV[3:0])
CLKO
FRQDIV_CLK
16 chained
divide-by-2 counter
DIVIDER_EN
(FRQDIV[4])
Enable
divide-by-2 counter
0
1
DIVIDER1
(FRQDIV[5])
Figure 6-9 Frequency Divider Block Diagram


Numéro de pièce similaire - NUC140-LD3N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-LD3N NUVOTON-NUC140-LD3N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC140-LD3N NUVOTON-NUC140-LD3N Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
NUC140-LD3N NUVOTON-NUC140-LD3N Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC140-LD3N NUVOTON-NUC140-LD3N Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC140-LD3N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com