Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NUC100-RB1N Datasheet(Fiches technique) 27 Page - Nuvoton Technology Corporation

Numéro de pièce NUC100-RB1N
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 27 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 27 of 107
Rev 1.01
Pin Description
4.3
4.3.1
NuMicro
® NUC100 Pin Description
Pin No.
Pin Name
Pin Type Description
LQFP
100-pin
LQFP
64-pin
LQFP
48-pin
1
PE.15
I/O
General purpose digital I/O pin.
2
PE.14
I/O
General purpose digital I/O pin.
3
PE.13
I/O
General purpose digital I/O pin.
4
1
PB.14
I/O
General purpose digital I/O pin.
/INT0
I
External interrupt0 input pin.
SPISS31
I/O
2
nd SPI3 slave select pin.
5
2
PB.13
I/O
General purpose digital I/O pin.
CPO1
O
Comparator1 output pin.
AD1
I/O
EBI Address/Data bus bit1
6
3
1
PB.12
I/O
General purpose digital I/O pin.
CPO0
O
Comparator0 output pin
CLKO
O
Frequency Divider output pin
AD0
I/O
EBI Address/Data bus bit0
7
4
2
X32O
O
External 32.768 kHz low speed crystal output pin
8
5
3
X32I
I
External 32.768 kHz low speed crystal input pin
9
6
4
PA.11
I/O
General purpose digital I/O pin.
I2C1SCL
I/O
I
2C1 clock pin.
nRD
O
EBI read enable output pin
10
7
5
PA.10
I/O
General purpose digital I/O pin.
I2C1SDA
I/O
I
2C1 data input/output pin.
nWR
O
EBI write enable output pin
11
8
6
PA.9
I/O
General purpose digital I/O pin.
I2C0SCL
I/O
I
2C0 clock pin.
12
9
7
PA.8
I/O
General purpose digital I/O pin.
I2C0SDA
I/O
I
2C0 data input/output pin.
13
PD.8
I/O
General purpose digital I/O pin.
SPISS30
I/O
1
st SPI3 slave select pin.
14
PD.9
I/O
General purpose digital I/O pin.
SPICLK3
I/O
SPI3 serial clock pin.
15
PD.10
I/O
General purpose digital I/O pin.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl