Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC240-LB1N Fiches technique(PDF) 56 Page - Nuvoton Technology Corporation

No de pièce NUC240-LB1N
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC240-LB1N Fiches technique(HTML) 56 Page - Nuvoton Technology Corporation

Back Button NUC240-LB1N Datasheet HTML 52Page - Nuvoton Technology Corporation NUC240-LB1N Datasheet HTML 53Page - Nuvoton Technology Corporation NUC240-LB1N Datasheet HTML 54Page - Nuvoton Technology Corporation NUC240-LB1N Datasheet HTML 55Page - Nuvoton Technology Corporation NUC240-LB1N Datasheet HTML 56Page - Nuvoton Technology Corporation NUC240-LB1N Datasheet HTML 57Page - Nuvoton Technology Corporation NUC240-LB1N Datasheet HTML 58Page - Nuvoton Technology Corporation NUC240-LB1N Datasheet HTML 59Page - Nuvoton Technology Corporation NUC240-LB1N Datasheet HTML 60Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 56 of 107
Rev 1.01
6.2.5
System Memory Map
The NuMicro
® NUC100 series provides 4G-byte addressing space. The memory locations
assigned to each on-chip controllers are shown in the following table. The detailed register
definition, memory space, and programming detailed will be described in the following sections for
each on-chip peripheral. The NuMicro
® NUC100 series only supports little-endian data format.
Address Space
Token
Controllers
Flash and SRAM Memory Space
0x0000_0000
– 0x0001_FFFF
FLASH_BA
FLASH Memory Space (128 KB)
0x2000_0000
– 0x2000_3FFF
SRAM_BA
SRAM Memory Space (16 KB)
AHB Controllers Space (0x5000_0000
– 0x501F_FFFF)
0x5000_0000
– 0x5000_01FF
GCR_BA
System Global Control Registers
0x5000_0200
– 0x5000_02FF
CLK_BA
Clock Control Registers
0x5000_0300
– 0x5000_03FF
INT_BA
Interrupt Multiplexer Control Registers
0x5000_4000
– 0x5000_7FFF
GPIO_BA
GPIO Control Registers
0x5000_8000
– 0x5000_BFFF
PDMA_BA
Peripheral DMA Control Registers
0x5000_C000
– 0x5000_FFFF
FMC_BA
Flash Memory Control Registers
APB1 Controllers Space (0x4000_0000 ~ 0x400F_FFFF)
0x4000_4000
– 0x4000_7FFF
WDT_BA
Watchdog Timer Control Registers
0x4000_8000
– 0x4000_BFFF
RTC_BA
Real Time Clock (RTC) Control Register
0x4001_0000
– 0x4001_3FFF
TMR01_BA
Timer0/Timer1 Control Registers
0x4002_0000
– 0x4002_3FFF
I2C0_BA
I
2C0 Interface Control Registers
0x4003_0000
– 0x4003_3FFF
SPI0_BA
SPI0 with master/slave function Control Registers
0x4003_4000
– 0x4003_7FFF
SPI1_BA
SPI1 with master/slave function Control Registers
0x4004_0000
– 0x4004_3FFF
PWMA_BA
PWM0/1/2/3 Control Registers
0x4005_0000
– 0x4005_3FFF
UART0_BA
UART0 Control Registers
0x4006_0000
– 0x4006_3FFF
USBD_BA
USB 2.0 FS device Controller Registers
0x400D_0000
– 0x400D_3FFF
ACMP_BA
Analog Comparator Control Registers
0x400E_0000
– 0x400E_FFFF
ADC_BA
Analog-Digital-Converter (ADC) Control Registers
APB2 Controllers Space (0x4010_0000 ~ 0x401F_FFFF)
0x4010_0000
– 0x4010_3FFF
PS2_BA
PS/2 Interface Control Registers
0x4011_0000
– 0x4011_3FFF
TMR23_BA
Timer2/Timer3 Control Registers
0x4012_0000
– 0x4012_3FFF
I2C1_BA
I
2C1 Interface Control Registers
0x4013_0000
– 0x4013_3FFF
SPI2_BA
SPI2 with master/slave function Control Registers
0x4013_4000
– 0x4013_7FFF
SPI3_BA
SPI3 with master/slave function Control Registers
0x4014_0000
– 0x4014_3FFF
PWMB_BA
PWM4/5/6/7 Control Registers
0x4015_0000
– 0x4015_3FFF
UART1_BA
UART1 Control Registers


Numéro de pièce similaire - NUC240-LB1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC240-LC1C NUVOTON-NUC240-LC1C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC240-LC1E NUVOTON-NUC240-LC1E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC240-LC1N NUVOTON-NUC240-LC1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC240-LC2C NUVOTON-NUC240-LC2C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC240-LC2C NUVOTON-NUC240-LC2C Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC240-LB1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com