Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120-RB1N Fiches technique(PDF) 27 Page - Nuvoton Technology Corporation

No de pièce NUC120-RB1N
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120-RB1N Fiches technique(HTML) 27 Page - Nuvoton Technology Corporation

Back Button NUC120-RB1N Datasheet HTML 23Page - Nuvoton Technology Corporation NUC120-RB1N Datasheet HTML 24Page - Nuvoton Technology Corporation NUC120-RB1N Datasheet HTML 25Page - Nuvoton Technology Corporation NUC120-RB1N Datasheet HTML 26Page - Nuvoton Technology Corporation NUC120-RB1N Datasheet HTML 27Page - Nuvoton Technology Corporation NUC120-RB1N Datasheet HTML 28Page - Nuvoton Technology Corporation NUC120-RB1N Datasheet HTML 29Page - Nuvoton Technology Corporation NUC120-RB1N Datasheet HTML 30Page - Nuvoton Technology Corporation NUC120-RB1N Datasheet HTML 31Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 27 -
Revision V2.03
5.2.
ysTick. SysTick provides a simple, 24-bit
anism. The
perat
r as a simple counter.
l
un
SysTick Current Value
Register (SYST_CVR) to zero, and reload (wrap) to the value in the SysTick Reload Value
e
ck cy
quent clocks. When the
counter transitions to zero, the COUNTFL
ears on
The SYST_CVR value is UNKNOWN on re
lear it to
zero before enabling the feature. This ens
R value
ena
If the SYST_RVR is zero, the timer will be maint
s
c
ature independently from
i
ef
RM
® Cortex™-M0 Technical
5
System Timer (SysTick)
The Cortex-M0 includes an integrated system timer, S
clear-on-write, decrementing, wrap-on-zero counter with a flexible control mech
counter can be used as a Real Time O
ing System (RTOS) tick timer o
When system timer is enab ed, it will co t down from the value in the
Register (SYST_RVR) on th next clo
cle, then decrement on subse
AG status bit is set. The COUNTFLAG bit cl
reads.
set. Software should write to the register to c
ures the timer will count from the SYST_RV
rather than an arbitrary value when it is
bled.
ained with a current value of zero after it is
an be used to disable the fe
reloaded with this value. Thi
the timer enable bit.
mechanism
For more detailed informat
Reference Manual” and “ARM
on, please r
® v6-M Archite
er to the documents “A
cture Reference Manual”.


Numéro de pièce similaire - NUC120-RB1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC120-RB1N NUVOTON-NUC120-RB1N Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC120-RB1N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com