Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NUC100-RB1N Datasheet(Fiches technique) 9 Page - Nuvoton Technology Corporation

Numéro de pièce NUC100-RB1N
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 9 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 9 -
Revision V2.03
TTL/Schmitt trigger input selectable
I/O pin can be configured as interrupt source with edge/level setting
High driver and high sink IO mode support
• Timer
Support 4 sets of 32-bit timers with 24-bit up-timer and one 8-bit pre-scale counter
Independent clock source for each timer
Provides one-shot, periodic, toggle and continuous counting operation modes
(NuMicro
™ NUC100/NUC120 Medium Density only support one-shot and periodic
mode)
Support event counting function (NuMicro
™ NUC100/NUC120 Low Density only)
• Watchdog Timer
Multiple clock sources
8 selectable time out period from 1.6ms ~ 26.0sec (depends on clock source)
WDT can wake-up from power down or idle mode
Interrupt or reset selectable on watchdog time-out
• RTC
Support software compensation by setting frequency compensate register (FCR)
Support RTC counter (second, minute, hour) and calendar counter (day, month, year)
Support Alarm registers (second, minute, hour, day, month, year)
Selectable 12-hour or 24-hour mode
Automatic leap year recognition
Support periodic time tick interrupt with 8 period options 1/128, 1/64, 1/32, 1/16, 1/8,
1/4, 1/2 and 1 second
Support wake-up function
• PWM/Capture
Built-in up to four 16-bit PWM generators provide eight PWM outputs or four
complementary paired PWM outputs
Each PWM generator equipped with one clock source selector, one clock divider, one
8-bit prescaler and one Dead-Zone generator for complementary paired PWM
Up to eight 16-bit digital Capture timers (shared with PWM timers) provide eight
rising/falling capture inputs
Support Capture interrupt
• UART
Up to three UART controllers (NuMicro
™ NUC100/NUC120 Low Density only support 2
UART controllers)
UART ports with flow control (TXD, RXD, CTS and RTS)
UART0 with 63-byte FIFO is for high speed
UART1/2(optional) with 15-byte FIFO for standard device
Support IrDA (SIR) function
Support RS-485 9-bit mode and direction control. (NuMicro
™ NUC100/NUC120 Low
Density Only)
Programmable baud-rate generator up to 1/16 system clock
Support PDMA mode
• SPI
Up to four sets of SPI controller (NuMicro
™ NUC100/NUC120 Low Density only
support 2 SPI controllers)
Master up to 16 MHz, and Slave up to 10 MHz (chip working @ 5V)
Support SPI master/slave mode




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl