Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NUC140-VE2N Datasheet(Fiches technique) 82 Page - Nuvoton Technology Corporation

Numéro de pièce NUC140-VE2N
Description  NuMicro
Télécharger  97 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 82 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 82 of 97
Revision 1.01
8.2 DC Electrical Characteristics
(VDD-VSS=5.5 V, TA = 25C, FOSC = 50 MHz unless otherwise specified.)
PARAMETER
SYM.
SPECIFICATION
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operation Voltage
VDD
2.5
5.5
V
VDD = 2.5V ~ 5.5V up to 72 MHz
Power Ground
VSS
AVSS
-0.3
V
LDO Output Voltage
VLDO
1.62
1.8
1.98
V
VDD > 2.5V
Band-gap Voltage
VBG
1.22
1.25
1.28
V
VDD = 2.5 V ~ 5.5 V, TA = 25C
Analog Operating
Voltage
AVDD
VDD
V
When system used analog function, please refer to
NUC230/240 Series Technical Reference Manual chapter
6.5 for corresponding analog operating voltage
RTC Operating
Voltage
VBAT
2.5
5.5
V
Operating Current
Normal Run Mode
at 72 MHz
while(1){} executed
from flash
VLDO =1.8 V
IDD1
50
mA
VDD
HXT
HIRC
PLL
All digital
module
5.5V
12 MHz
X
V
V
IDD2
20
mA
5.5V
12 MHz
X
V
X
IDD3
48
mA
3.3V
12 MHz
X
V
V
IDD4
18
mA
3.3V
12 MHz
X
V
X
Operating Current
Normal Run Mode
at 50 MHz
while(1){} executed
from flash
VLDO =1.8 V
IDD5
34
mA
5.5V
12 MHz
X
V
V
IDD6
15
mA
5.5V
12 MHz
X
V
X
IDD7
32
mA
3.3V
12 MHz
X
V
V
IDD8
14
mA
3.3V
12 MHz
X
V
X
Operating Current
Normal Run Mode
at 12 MHz
while(1){} executed
from flash
VLDO =1.8 V
IDD9
8.5
mA
5.5V
12 MHz
X
X
V
IDD10
3.6
mA
5.5V
12 MHz
X
X
X
IDD11
7.5
mA
3.3V
12 MHz
X
X
V
IDD12
2.6
mA
3.3V
12 MHz
X
X
X
Operating Current
Normal Run Mode
at 4 MHz
while(1){} executed
from flash
VLDO =1.8 V
IDD13
3.6
mA
5.5V
4 MHz
X
X
V
IDD14
2
mA
5.5V
4 MHz
X
X
X
IDD15
2.8
mA
3.3V
4 MHz
X
X
V
IDD16
1.2
mA
3.3V
4 MHz
X
X
X




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl