Moteur de recherche de fiches techniques de composants électroniques |
|
NUC230-VC2N Fiches technique(PDF) 16 Page - Nuvoton Technology Corporation |
|
NUC230-VC2N Fiches technique(HTML) 16 Page - Nuvoton Technology Corporation |
16 / 97 page NuMicro NUC230/240 Datasheet Dec. 30, 2014 Page 16 of 97 Revision 1.01 – Provides remote wake-up capability ADC – 12-bit SAR ADC with 1 MSPS(chip working at 5V) – Up to 8-ch single-end input or 4-ch differential input – Single scan/single cycle scan/continuous scan – Each channel with individual result register – Scan on enabled channels – Threshold voltage detection – Conversion started by software programming, external input or PWM Center-aligned trigger – Supports PDMA mode Analog Comparator – Up to two analog comparators – External input or internal Band-gap voltage selectable at negative node – Interrupt when compare result change – Supports Power-down wake-up EBI (External bus interface) – Accessible space: 64 KB in 8-bit mode or 128 KB in 16-bit mode – Supports 8-/16-bit data width – Supports byte write in 16-bit data width mode 96-bit unique ID (UID) 128-bit unique customer ID(UCID) One built-in temperature sensor with 1℃ resolution Brown-out Detector – With 4 levels: 4.4 V/3.7 V/2.7 V/2.2 V – Supports Brown-out Interrupt and Reset option Low Voltage Reset – Threshold voltage level: 2.0 V Operating Temperature: -40℃ ~ 105℃ Packages: – All Green package (RoHS) – LQFP 100-pin / 64-pin / 48-pin |
Numéro de pièce similaire - NUC230-VC2N |
|
Description similaire - NUC230-VC2N |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |