Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC100-YA1N Fiches technique(PDF) 31 Page - Nuvoton Technology Corporation

No de pièce NUC100-YA1N
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100-YA1N Fiches technique(HTML) 31 Page - Nuvoton Technology Corporation

Back Button NUC100-YA1N Datasheet HTML 27Page - Nuvoton Technology Corporation NUC100-YA1N Datasheet HTML 28Page - Nuvoton Technology Corporation NUC100-YA1N Datasheet HTML 29Page - Nuvoton Technology Corporation NUC100-YA1N Datasheet HTML 30Page - Nuvoton Technology Corporation NUC100-YA1N Datasheet HTML 31Page - Nuvoton Technology Corporation NUC100-YA1N Datasheet HTML 32Page - Nuvoton Technology Corporation NUC100-YA1N Datasheet HTML 33Page - Nuvoton Technology Corporation NUC100-YA1N Datasheet HTML 34Page - Nuvoton Technology Corporation NUC100-YA1N Datasheet HTML 35Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 31 -
Revision V2.03
5.2.6.2
Vector Table
When any
the processor will automatically fetch the starting address of the
interrupt serv
(ISR) from a vector table in memory. For ARMv6-M, the vector table base
address is fixed at 0x0000
vector table
tialization value for the stack
pointer on reset, and the entry point addresses for all exception handlers. The vector number on
previous page defines the o
tries
v
ciated with exception handler
entry as illustrated in previo
interrupts is accepted,
ice routine
0000. The
contains the ini
rder of en
in the ector table asso
us section.
Ve
Table Wo
ffset
ctor
rd O
Description
0
S
he M
ck
P_main – T
ain sta
pointer
Vector Num
E
try P
usi
umber
ber
xception En
ointer
ng that Vector N
Table 5-4 V
ab
5.2.6.3
NVIC interrupts can be enabled and disabled by writing to their corresponding Interrupt Set-
Enable or Interrupt Clear-En
er
s use a write-1-to-enable and write-
1-to-clear policy, both regis
g
nabled state of the corresponding
interrupts. When
interrup
ed
t
cause the interrupt to become
Pending, however, the inter
t
I
upt is Active when it is disabled, it
remains in its Active state until cleared by reset or an exception return. Clearing the enable bit
prevents new activations of t
NVIC interrupts can be pend
ded
a
y pair of registers to those used
to enable/disable the interru
d the Se
res
tively. The registers
te-1
b
rs
rea
back the current
te of the c
nterrupts. The Clear-Pending
Regi
as no effect on the execut
status of an A
.
NVIC interrupts are prioritized by updating an 8-bi
gister (each register
sup
g four interrupts).
The general registers associated with the NVIC are
m a block of memory in the
System Control Space and w
ribed
xt
ector T le Format
Operation Description
able regist
bit-field. The register
ters readin
t is disabl
back the
, interrup
current e
assertion will
an
rupt will no activate. f an interr
he associated interrupt.
ed/un-pen
using
complementar
pts, name
use a wri
t-Pe
-to-ena
nding Register and Clear-Pending Register
le and write-1-to-clear policy, both registe
pec
ding
ster h
pended sta
ion
orresponding i
ctive interrupt
t field within a 32-bit re
portin
all accessible fro
ill be desc
in ne section.


Numéro de pièce similaire - NUC100-YA1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC100-YA1N NUVOTON-NUC100-YA1N Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC100-YA1N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com