Moteur de recherche de fiches techniques de composants électroniques |
|
NUC120RD2BN Fiches technique(PDF) 57 Page - Nuvoton Technology Corporation |
|
NUC120RD2BN Fiches technique(HTML) 57 Page - Nuvoton Technology Corporation |
57 / 89 page NuMicro ™ NUC120 Data Sheet Publication Release Date: Jan. 2, 2012 - 57 - Revision V2.03 s Interface (EBI) 5.18 EBI support address bus and 5.18 al devices with max. 64K-byte size (8-bit data width)/128K-byte (16-bit data width) nd address hold d data bus multiplex mode supported to save the address pins Configurable idle cycle supported for different access condition: Write command finish (W2X), Read-to-Read (R2R) 5.18 External Bu .1 Overview The NuMicro ™ NUC100/NUC120 Low Density LQFP-64 package equips an external bus interface (EBI) for external device used. To save the connections between external device and this chip, data bus multiplex mode. And, address latch enable (ALE) signal supported differentiate the address and data cycle. .2 Features External Bus Interface has the following functions: Extern supported Variable external bus base clock (MCLK) supported 8-bit or 16-bit data width supported Variable data access time (tACC), address latch enable time (tALE) a time (tAHD) supported Address bus an |
Numéro de pièce similaire - NUC120RD2BN |
|
Description similaire - NUC120RD2BN |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |