Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NUC230SD2AE Datasheet(Fiches technique) 84 Page - Nuvoton Technology Corporation

Numéro de pièce NUC230SD2AE
Description  NuMicro
Télécharger  97 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 84 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 84 of 97
Revision 1.01
PARAMETER
SYM.
SPECIFICATION
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
IIDLE19
133
A
3.3V
32.768
X
X
V
IIDLE20
120
A
3.3V
32.768
X
X
X
Operating Current
Idle Mode
at 10 kHz
IIDLE21
122
A
VDD
HXT/LXT LIRC (kHz)
PLL
All digital
module
5.5V
X
10
X
V
IIDLE22
118
A
5.5V
X
10
X
X
IIDLE23
122
A
3.3V
X
10
X
V
IIDLE24
118
A
3.3V
X
10
X
X
Standby Current
Power-down Mode
(Deep Sleep Mode)
VLDO =1.6 V
IPWD1
15
A
VDD
HXT/HIRC
PLL
LXT (kHz)
RTC
RAM
retension
5.5V
X
X
X
V
IPWD2
15
A
5.5V
X
X
X
V
IPWD3
17
A
3.3V
X
32.768
V
V
IPWD4
17
A
3.3V
X
32.768
V
V
RTC Operating
Current
IVBAT
1.6
A
VBAT= 3.0V, RTC enabled
Input Current PA,
PB, PC, PD, PE, PF
(Quasi-bidirectional
mode)
IIN1
-50
-60
A
VDD = 5.5V, VIN = 0V or VIN=VDD
Input Current at
/RESET
[1]
IIN2
-55
-45
-30
A
VDD = 3.3V, VIN = 0.45V
Input Leakage
Current PA, PB, PC,
PD, PE, PF
ILK
-2
-
+2
A
VDD = 5.5V, 0<VIN<VDD
Logic 1 to 0
Transition Current
PA~PF (Quasi-
bidirectional mode)
ITL
[3]
-650
-
-200
A
VDD = 5.5V, VIN<2.0V
Input Low Voltage
PA, PB, PC, PD, PE,
PF (TTL input)
VIL1
-0.3
-
0.8
V
VDD = 4.5V
-0.3
-
0.6
VDD = 2.5V
Input High Voltage
PA, PB, PC, PD, PE,
PF (TTL input)
VIH1
2.0
-
VDD
+0.2
V
VDD = 5.5V
1.5
-
VDD
+0.2
VDD =3.0V
Input Low Voltage
PA, PB, PC, PD, PE,
PF (Schmitt input)
VIL2
-0.3
-
0.3VDD
V
Input High Voltage
PA, PB, PC, PD, PE,
PF (Schmitt input)
VIH2
0.7VDD
-
VDD
+0.2
V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl