Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC240 Fiches technique(PDF) 16 Page - Nuvoton Technology Corporation

No de pièce NUC240
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC240 Fiches technique(HTML) 16 Page - Nuvoton Technology Corporation

Back Button NUC240 Datasheet HTML 12Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 13Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 14Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 15Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 16Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 17Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 18Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 19Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 20Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 16 of 97
Revision 1.01
Provides remote wake-up capability
 ADC
12-bit SAR ADC with 1 MSPS(chip working at 5V)
Up to 8-ch single-end input or 4-ch differential input
Single scan/single cycle scan/continuous scan
Each channel with individual result register
Scan on enabled channels
Threshold voltage detection
Conversion started by software programming, external input or PWM Center-aligned trigger
Supports PDMA mode
 Analog Comparator
Up to two analog comparators
External input or internal Band-gap voltage selectable at negative node
Interrupt when compare result change
Supports Power-down wake-up
 EBI (External bus interface)
Accessible space: 64 KB in 8-bit mode or 128 KB in 16-bit mode
Supports 8-/16-bit data width
Supports byte write in 16-bit data width mode
 96-bit unique ID (UID)
 128-bit unique customer ID(UCID)
 One built-in temperature sensor with 1℃ resolution
 Brown-out Detector
With 4 levels: 4.4 V/3.7 V/2.7 V/2.2 V
Supports Brown-out Interrupt and Reset option
 Low Voltage Reset
Threshold voltage level: 2.0 V
 Operating Temperature: -40℃ ~ 105℃
 Packages:
All Green package (RoHS)
LQFP 100-pin / 64-pin / 48-pin


Numéro de pièce similaire - NUC240

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC240-LA1C NUVOTON-NUC240-LA1C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC240-LA1E NUVOTON-NUC240-LA1E Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC240-LA1N NUVOTON-NUC240-LA1N Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC240-LA2C NUVOTON-NUC240-LA2C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC240-LA2E NUVOTON-NUC240-LA2E Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC240

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com