Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC240 Fiches technique(PDF) 69 Page - Nuvoton Technology Corporation

No de pièce NUC240
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC240 Fiches technique(HTML) 69 Page - Nuvoton Technology Corporation

Back Button NUC240 Datasheet HTML 65Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 66Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 67Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 68Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 69Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 70Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 71Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 72Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 73Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 69 of 97
Revision 1.01
example:
HCLK = 50 MHz, PWM_CLK = 25 MHz, Interrupt latency is 900 ns
So the maximum capture frequency will be
1/900ns ≈ 1000 kHz
6.9.2 Features
6.9.2.1 PWM Function:
Up to 2 PWM groups (PWMA/PWMB) to support 8 PWM channels or 4
complementary PWM paired channels
Each PWM group has two PWM generators with each PWM generator supporting one
8-bit prescaler, two clock divider, two PWM-timers, one Dead-zone generator and two
PWM outputs.
Up to 16-bit resolution
PWM Interrupt request synchronized with PWM period
One-shot or Auto-reload mode
Edge-aligned type or Center-aligned type option
PWM trigger ADC start-to-conversion
6.9.2.2 Capture Function:
Timing control logic shared with PWM Generators
Supports 8 Capture input channels shared with 8 PWM output channels
Each channel supports one rising latch register (CRLR), one falling latch register
(CFLR) and Capture interrupt flag (CAPIFx)


Numéro de pièce similaire - NUC240

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC240-LA1C NUVOTON-NUC240-LA1C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC240-LA1E NUVOTON-NUC240-LA1E Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC240-LA1N NUVOTON-NUC240-LA1N Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC240-LA2C NUVOTON-NUC240-LA2C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC240-LA2E NUVOTON-NUC240-LA2E Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC240

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com