Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120VE3AN Fiches technique(PDF) 79 Page - Nuvoton Technology Corporation

No de pièce NUC120VE3AN
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120VE3AN Fiches technique(HTML) 79 Page - Nuvoton Technology Corporation

Back Button NUC120VE3AN Datasheet HTML 75Page - Nuvoton Technology Corporation NUC120VE3AN Datasheet HTML 76Page - Nuvoton Technology Corporation NUC120VE3AN Datasheet HTML 77Page - Nuvoton Technology Corporation NUC120VE3AN Datasheet HTML 78Page - Nuvoton Technology Corporation NUC120VE3AN Datasheet HTML 79Page - Nuvoton Technology Corporation NUC120VE3AN Datasheet HTML 80Page - Nuvoton Technology Corporation NUC120VE3AN Datasheet HTML 81Page - Nuvoton Technology Corporation NUC120VE3AN Datasheet HTML 82Page - Nuvoton Technology Corporation NUC120VE3AN Datasheet HTML 83Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 79 -
Revision V2.03
7.4.3
Specification of Low Voltage Reset
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Operatio
-
n voltage
-
1.7
5.5
V
Quiescent current
VDD
-
5
uA
=5.5 V
-
Temperature
-
-40
25
85
Temperature=25℃
7
.0
V
1.
2
2.3
Temperature=-40℃
-
2.4
-
V
Threshold voltage
Temperature=85℃
-
1.6
-
V
Hysteresis
-
0
0
0
V
7.4.4
Specification of Brown-Out Detector
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Operation voltage
-
2.5
-
5.5
V
Quiescent current
AVDD=5.5 V
-
-
125
μA
Temperature
-
-40
25
85
BOV_VL[1:0]=11
4.3
4.5
4.7
V
BOV_VL [1:0]=10
3.6
3.8
4.0
V
BOV_VL [1:0]=01
2.6
2.7
2.8
V
Brown-Out voltage
BOV_VL [1:0]=00
2.1
2.2
2.3
V
Hysteresis
-
30
-
150
mV
7.4.5
Specification of Power-On Reset (5 V)
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Temperature
-
-40
25
85
Reset voltage
V+
-
2
-
V
Quiescent current
Vin>reset voltage
-
1
-
nA


Numéro de pièce similaire - NUC120VE3AN

FabricantNo de pièceFiches techniqueDescription
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
More results

Description similaire - NUC120VE3AN

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com