Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120LD3DN Fiches technique(PDF) 87 Page - Nuvoton Technology Corporation

No de pièce NUC120LD3DN
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120LD3DN Fiches technique(HTML) 87 Page - Nuvoton Technology Corporation

Back Button NUC120LD3DN Datasheet HTML 83Page - Nuvoton Technology Corporation NUC120LD3DN Datasheet HTML 84Page - Nuvoton Technology Corporation NUC120LD3DN Datasheet HTML 85Page - Nuvoton Technology Corporation NUC120LD3DN Datasheet HTML 86Page - Nuvoton Technology Corporation NUC120LD3DN Datasheet HTML 87Page - Nuvoton Technology Corporation NUC120LD3DN Datasheet HTML 88Page - Nuvoton Technology Corporation NUC120LD3DN Datasheet HTML 89Page - Nuvoton Technology Corporation NUC120LD3DN Datasheet HTML 90Page - Nuvoton Technology Corporation NUC120LD3DN Datasheet HTML 91Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 87 of 107
Rev 1.01
Analog-to-Digital Converter (ADC)
6.21
6.21.1
Overview
The NuMicro
®
NUC100 series contains one 12-bit successive approximation analog-to-digital
converters (SAR A/D converter) with 8 input channels. The A/D converter supports three
operation modes: single, single-cycle scan and continuous scan mode. The A/D converter can be
started by software, PWM Center-aligned trigger and external STADC pin.
6.21.2
Features
Analog input voltage range: 0~VREF
12-bit resolution and 10-bit accuracy is guaranteed
Up to 8 single-end analog input channels or 4 differential analog input channels
Up to 760 kSPS conversion rate as ADC clock frequency is 16 MHz (chip working at 5V)
Three operating modes
Single mode: A/D conversion is performed one time on a specified channel
Single-cycle scan mode: A/D conversion is performed one cycle on all specified
channels with the sequence from the smallest numbered channel to the largest
numbered channel
Continuous scan mode: A/D converter continuously performs Single-cycle scan mode
until software stops A/D conversion
An A/D conversion can be started by:
Writing 1 to ADST bit through software
PWM Center-aligned trigger
External pin STADC
Conversion results are held in data registers for each channel with valid and overrun
indicators
Conversion result can be compared with specify value and user can select whether to
generate an interrupt when conversion result matches the compare register setting
Channel 7 supports 3 input sources: external analog voltage, internal Band-gap voltage,
and internal temperature sensor output


Numéro de pièce similaire - NUC120LD3DN

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC120LD3AN NUVOTON-NUC120LD3AN Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC120LD3DN

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com