Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC100 Fiches technique(PDF) 40 Page - Nuvoton Technology Corporation

No de pièce NUC100
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100 Fiches technique(HTML) 40 Page - Nuvoton Technology Corporation

Back Button NUC100 Datasheet HTML 36Page - Nuvoton Technology Corporation NUC100 Datasheet HTML 37Page - Nuvoton Technology Corporation NUC100 Datasheet HTML 38Page - Nuvoton Technology Corporation NUC100 Datasheet HTML 39Page - Nuvoton Technology Corporation NUC100 Datasheet HTML 40Page - Nuvoton Technology Corporation NUC100 Datasheet HTML 41Page - Nuvoton Technology Corporation NUC100 Datasheet HTML 42Page - Nuvoton Technology Corporation NUC100 Datasheet HTML 43Page - Nuvoton Technology Corporation NUC100 Datasheet HTML 44Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 40 -
Revision V2.03
(Master/Slave) (I
2C)
aster and a Slave synchronously to SCL on the SDA line on a
CL. A transition on the SDA
5.6
I
2C Serial Interface Controller
5.6.1
Overview
I2C is a two-wire, bi-directional serial bus that provides a simple and efficient method of data
exchange between devices. The I2C standard is a true multi-master bus including collision
detection and arbitration that prevents data corruption if two or more masters attempt to control
the bus simultaneously.
Data is transferred between a M
byte-by-byte basis. Each data byte is 8-bit long. There is one SCL clock pulse for each data bit
with the MSB being transmitted first. An acknowledge bit follows each transferred byte. Each bit is
sampled during the high period of SCL; therefore, the SDA line may be changed only during the
low period of SCL and must be held stable during the high period of S
line while SCL is high is interpreted as a command (START or STOP). Please refer to the Figure
5-9 for more detail I2C BUS Timing.
Figure 5-9 I2C Bus Timing
ce that meets the I2C bus standard mode
omously. To enable this port, the bit ENS1
in I2CON should be set to '1'. The I2C H/W interfaces to the I2C bus via two pins: SDA and SCL.
Pull up resistor is needed for I2C operation as these are open drain pins. When the I/O pins are
used as I2C port, user must set the pins function to I2C in advance.
The device’s on-chip I2C logic provides the serial interfa
specification. The I2C port handles byte transfers auton


Numéro de pièce similaire - NUC100

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC100 ETC2-NUC100 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100 ETC2-NUC100 Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100 Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC100 NUVOTON-NUC100 Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC100 NUVOTON-NUC100 Datasheet
1Mb / 109P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC100

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com