Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC100RD1DN Fiches technique(PDF) 15 Page - Nuvoton Technology Corporation

No de pièce NUC100RD1DN
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100RD1DN Fiches technique(HTML) 15 Page - Nuvoton Technology Corporation

Back Button NUC100RD1DN Datasheet HTML 11Page - Nuvoton Technology Corporation NUC100RD1DN Datasheet HTML 12Page - Nuvoton Technology Corporation NUC100RD1DN Datasheet HTML 13Page - Nuvoton Technology Corporation NUC100RD1DN Datasheet HTML 14Page - Nuvoton Technology Corporation NUC100RD1DN Datasheet HTML 15Page - Nuvoton Technology Corporation NUC100RD1DN Datasheet HTML 16Page - Nuvoton Technology Corporation NUC100RD1DN Datasheet HTML 17Page - Nuvoton Technology Corporation NUC100RD1DN Datasheet HTML 18Page - Nuvoton Technology Corporation NUC100RD1DN Datasheet HTML 19Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 15 of 107
Rev 1.01
Up to two sets of I
2C device
Master/Slave mode
Bidirectional data transfer between masters and slaves
Multi-master bus (no central master)
Arbitration between simultaneously transmitting masters without corruption of serial
data on the bus
Serial clock synchronization allowing devices with different bit rates to communicate
via one serial bus
Serial clock synchronization used as a handshake mechanism to suspend and resume
serial transfer
Programmable clocks allowing for versatile rate control
Supports multiple address recognition (four slave address with mask option)
Supports wake-up function
I
2S
Interface with external audio CODEC
Operate as either Master or Slave mode
Capable of handling 8-, 16-, 24- and 32-bit word sizes
Supports mono and stereo audio data
Supports I
2S and MSB justified data format
Provides two 8 word FIFO data buffers, one for transmitting and the other for receiving
Generates interrupt requests when buffer levels cross a programmable boundary
Supports two DMA requests, one for transmitting and the other for receiving
PS/2 Device
Host communication inhibit and request to send detection
Reception frame error detection
Programmable 1 to 16 bytes transmit buffer to reduce CPU intervention
Double buffer for data reception
Software override bus
EBI (External bus interface)
Accessible space: 64 KB in 8-bit mode or 128 KB in 16-bit mode
Supports 8-/16-bit data width
Supports byte write in 16-bit data width mode
USB 2.0 Full-Speed Device
One set of USB 2.0 FS Device 12 Mbps
On-chip USB Transceiver
Provides 1 interrupt source with 4 interrupt events
Supports Control, Bulk In/Out, Interrupt and Isochronous transfers
Auto suspend function when no bus signaling for 3 ms
Provides 6 programmable endpoints
Includes 512 Bytes internal SRAM as USB buffer
Provides remote wake-up capability
ADC
12-bit SAR ADC with 760 kSPS
Up to 8-ch single-end input or 4-ch differential input
Single scan/single cycle scan/continuous scan
Each channel with individual result register
Scan on enabled channels
Threshold voltage detection
Conversion started by software programming or external input
Supports PDMA mode
Analog Comparator


Numéro de pièce similaire - NUC100RD1DN

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC100RD1DN ETC2-NUC100RD1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NUC100RD1DN NUVOTON-NUC100RD1DN Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC100RD1DN NUVOTON-NUC100RD1DN Datasheet
1Mb / 109P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC100RD1DN

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com