Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC100RD1DN Fiches technique(PDF) 69 Page - Nuvoton Technology Corporation

No de pièce NUC100RD1DN
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100RD1DN Fiches technique(HTML) 69 Page - Nuvoton Technology Corporation

Back Button NUC100RD1DN Datasheet HTML 65Page - Nuvoton Technology Corporation NUC100RD1DN Datasheet HTML 66Page - Nuvoton Technology Corporation NUC100RD1DN Datasheet HTML 67Page - Nuvoton Technology Corporation NUC100RD1DN Datasheet HTML 68Page - Nuvoton Technology Corporation NUC100RD1DN Datasheet HTML 69Page - Nuvoton Technology Corporation NUC100RD1DN Datasheet HTML 70Page - Nuvoton Technology Corporation NUC100RD1DN Datasheet HTML 71Page - Nuvoton Technology Corporation NUC100RD1DN Datasheet HTML 72Page - Nuvoton Technology Corporation NUC100RD1DN Datasheet HTML 73Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 69 of 107
Rev 1.01
PDMA Controller (PDMA)
6.7
6.7.1
Overview
The NuMicro
®
NUC100 series DMA contains nine-channel peripheral direct memory access
(PDMA) controller and a cyclic redundancy check (CRC) generator.
The PDMA that transfers data to and from memory or transfer data to and from APB devices. For
PDMA channel (PDMA CH0~CH8), there is one-word buffer as transfer buffer between the
Peripherals APB devices and Memory. Software can stop the PDMA operation by disable PDMA
PDMA_CSRx[PDMACEN]. The CPU can recognize the completion of a PDMA operation by
software polling or when it receives an internal PDMA interrupt. The PDMA controller can
increase source or destination address or fixed them as well.
The DMA controller contains a cyclic redundancy check (CRC) generator that can perform CRC
calculation with programmable polynomial settings. The CRC engine supports CPU PIO mode
and DMA transfer mode.
6.7.2
Features
Supports nine PDMA channels and one CRC channel. Each PDMA channel can support
a unidirectional transfer
AMBA AHB master/slave interface compatible, for data transfer and register read/write
Hardware round robin priority scheme. DMA channel 0 has the highest priority and
channel 8 has the lowest priority
PDMA operation
– Peripheral-to-memory, memory-to-peripheral, and memory-to-memory transfer
– Supports word/half-word/byte transfer data width from/to peripheral
– Supports address direction: increment, fixed.
Cyclic Redundancy Check (CRC)
– Supports four common polynomials CRC-CCITT, CRC-8, CRC-16, and CRC-32
CRC-CCITT: X
16 + X12 + X5 + 1
CRC-8: X
8 + X2 + X + 1
CRC-16: X
16 + X15 + X2 + 1
CRC-32: X
32 + X26 + X23 + X22 + X16 + X12 + X11 + X10 + X8 + X7 + X5 + X4 + X2 + X + 1
– Supports programmable CRC seed value.
– Supports programmable order reverse setting for input data and CRC checksum.
– Supports
programmable 1’s complement setting for input data and CRC checksum.
– Supports CPU PIO mode or DMA transfer mode.
– Supports the follows write data length in CPU PIO mode
8-bit write mode (byte): 1-AHB clock cycle operation.
16-bit write mode (half-word): 2-AHB clock cycle operation.
32-bit write mode (word): 4-AHB clock cycle operation.
– Supports byte alignment transfer data length and word alignment transfer source
address in CRC DMA mode.


Numéro de pièce similaire - NUC100RD1DN

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC100RD1DN ETC2-NUC100RD1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NUC100RD1DN NUVOTON-NUC100RD1DN Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC100RD1DN NUVOTON-NUC100RD1DN Datasheet
1Mb / 109P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC100RD1DN

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com