Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC100RC1DN Fiches technique(PDF) 90 Page - Nuvoton Technology Corporation

No de pièce NUC100RC1DN
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100RC1DN Fiches technique(HTML) 90 Page - Nuvoton Technology Corporation

Back Button NUC100RC1DN Datasheet HTML 86Page - Nuvoton Technology Corporation NUC100RC1DN Datasheet HTML 87Page - Nuvoton Technology Corporation NUC100RC1DN Datasheet HTML 88Page - Nuvoton Technology Corporation NUC100RC1DN Datasheet HTML 89Page - Nuvoton Technology Corporation NUC100RC1DN Datasheet HTML 90Page - Nuvoton Technology Corporation NUC100RC1DN Datasheet HTML 91Page - Nuvoton Technology Corporation NUC100RC1DN Datasheet HTML 92Page - Nuvoton Technology Corporation NUC100RC1DN Datasheet HTML 93Page - Nuvoton Technology Corporation NUC100RC1DN Datasheet HTML 94Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 90 of 107
Rev 1.01
8
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
8.1
SYMBOL
PARAMETER
MIN.
MAX
UNIT
DC Power Supply
VDDVSS
-0.3
+7.0
V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
Oscillator Frequency
1/tCLCL
4
24
MHz
Operating Temperature
TA
-40
+85
C
Storage Temperature
TST
-55
+150
C
Maximum Current into VDD
-
120
mA
Maximum Current out of VSS
120
mA
Maximum Current sunk by a I/O pin
35
mA
Maximum Current sourced by a I/O pin
35
mA
Maximum Current sunk by total I/O pins
100
mA
Maximum Current sourced by total I/O pins
100
mA
Note: Exposure to conditions beyond those listed under absolute maximum ratings may adversely affects the lift and reliability
of the device.


Numéro de pièce similaire - NUC100RC1DN

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC100RC1DN ETC2-NUC100RC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NUC100RC1DN NUVOTON-NUC100RC1DN Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC100RC1DN NUVOTON-NUC100RC1DN Datasheet
1Mb / 109P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC100RC1DN

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com