Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS5-S03F Fiches technique(PDF) 1 Page - Yuan Dean Scientific., Co, LTD.

No de pièce GS5-S03F
Description  AC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Site Internet  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

GS5-S03F Fiches technique(HTML) 1 Page - Yuan Dean Scientific., Co, LTD.

  GS5-S03F Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. GS5-S03F Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YUAN DEAN SCIENTIFIC CO.,LTD
GS5 SERIES
Rev:1 2018/04/23
FEATURES:
Universal Input 85~264VAC
High Efficiency Up To 82%
Protection: Short Circuit / Over Load
Ultra small size
3 Years Warranty
ROHS Compliant
AC-DC Converter
GS5 SERIES
5Watt
3KVac Isolated
Single Output
Open Frame
Specifications typical at TA=25°C, nominal input voltage and
rated output current unless otherwise specified
Part Number
Output
Wattage
Output
Voltage
Output
Current
Efficiency
Max. Capacitive
Load
(W)
(VDC)
(mA)
(TYP %)
(μF)
GS5-S03(F)
3.3
3.3
1000
67
2200
GS5-S05(F)
5
5
1000
74
1500
GS5-S09(F)
5
9
560
78
680
GS5-S12(F)
5
12
420
79
470
GS5-S15(F)
5
15
340
80
330
GS5-S24(F)
5
24
210
82
100
YUAN DEAN SCIENTIFIC
Temperature Derating Graph
Ambient Temperature(℃)
100
75
60
50
25
0
-20
50
70
Nature Convection
Input Specifications
Parameters
Conditions
Min
Typ
Max
Units
Rated Input Voltage
Vo,Io nom
100~240
Vac
Voltage Range
Vo, Io nom
AC in
85
264
Vac
DC in
100
400
Vdc
Line frequency
Vi nom, Io nom
47
63
Hz
Input Current
Io nom
Vi:115VAC
0.15
A
Vi:230VAC
0.10
A
Inrush Current
Io nom
Vi:115VAC
5
A
Vi:230VAC
10
A
Output Specifications
Parameters
Conditions
Min
Typ
Max
Units
Output Voltage
Accuracy
Vi nom,
Io nom
3.3V
±2
±3
%
5~24V
±1
±2
Minimum Load
Vi nom
0
%
Line Regulation
Io nom, Vi min…Vi max
±0.1
±0.5
%
Load Regulation
5%~100% Load
±1
±1.5
%
No Load
0.5
W
Ripple & Noise
Vi nom, Io nom,
BW=20MHz(3.3-5V)
50
150
mVp-p
Ripple & Noise
Vi nom, Io nom,
BW=20MHz(9-24V)
80
150
mVp-p
Protection
Over Load
Above 110% rated output power
Protection type: Recovers automatically after
fault condition is removed
Short circuit
Recovers automatically after fault condition is
removed
Note:
add suffix“F”for 90°bending Products. For example:GS5-S05F,GS5-S12F


Numéro de pièce similaire - GS5-S03F

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GS5-0.5 ETC2-GS5-0.5 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS5-1 ETC2-GS5-1 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS5-10 ETC2-GS5-10 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS5-16 ETC2-GS5-16 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS5-2.5 ETC2-GS5-2.5 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
More results

Description similaire - GS5-S03F

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com