Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

93C66CXIPG Fiches technique(PDF) 4 Page - Microchip Technology

No de pièce 93C66CXIPG
Description  4K Microwire Compatible Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C66CXIPG Fiches technique(HTML) 4 Page - Microchip Technology

  93C66CXIPG Datasheet HTML 1Page - Microchip Technology 93C66CXIPG Datasheet HTML 2Page - Microchip Technology 93C66CXIPG Datasheet HTML 3Page - Microchip Technology 93C66CXIPG Datasheet HTML 4Page - Microchip Technology 93C66CXIPG Datasheet HTML 5Page - Microchip Technology 93C66CXIPG Datasheet HTML 6Page - Microchip Technology 93C66CXIPG Datasheet HTML 7Page - Microchip Technology 93C66CXIPG Datasheet HTML 8Page - Microchip Technology 93C66CXIPG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
DS21795B-page 4
 2003 Microchip Technology Inc.
FIGURE 1-1:
SYNCHRONOUS DATA TIMING
TABLE 1-3:
INSTRUCTION SET FOR X 16 ORGANIZATION (93XX66B OR 93XX66C WITH ORG = 1)
TABLE 1-4:
INSTRUCTION SET FOR X 8 ORGANIZATION (93XX66A OR 93XX66C WITH ORG = 0)
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK Cycles
ERASE
1
11
A7 A6A5 A4A3A2A1 A0
(RDY/BSY)11
ERAL
1
00
1
0
XXX
XX
X
(RDY/BSY)11
EWDS
1
00
0
0
XXX
XX
X
HIGH-Z
11
EWEN
1
00
1
1
XXX
XX
X
HIGH-Z
11
READ
1
10
A7 A6A5 A4A3A2A1 A0
D15 – D0
27
WRITE
1
01
A7 A6A5 A4A3A2A1 A0
D15 – D0
(RDY/BSY)27
WRAL
1
00
0
1
XXX
XX
X
D15 – D0
(RDY/BSY)27
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK
Cycles
ERASE
1
11
A8 A7A6 A5A4A3A2 A1 A0
(RDY/BSY)12
ERAL
1
00
1
0
X
XXXX
X
X
(RDY/BSY)12
EWDS
1
00
0
0
X
XXXX
X
X
HIGH-Z
12
EWEN
1
00
1
1
X
XXXX
X
X
HIGH-Z
12
READ
1
10
A8 A7A6 A5A4A3A2 A1 A0
D7 – D0
20
WRITE
1
01
A8 A7A6 A5A4A3A2 A1 A0
D7 – D0
(RDY/BSY)20
WRAL
1
00
0
1
X
X
X
X
X
X
X
D7 – D0
(RDY/BSY)20
CS
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
VOH
VOL
CLK
DI
DO
(READ)
DO
(PROGRAM)
TCSS
TDIS
TCKH
TCKL
TDIH
TPD
TCSH
TPD
TCZ
STATUS VALID
TSV
TCZ
Note:
TSV is relative to CS.


Numéro de pièce similaire - 93C66CXIPG

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
93C66CX-E/MC MICROCHIP-93C66CX-E/MC Datasheet
442Kb / 28P
   4K Microwire Compatible Serial EEPROM
2005
93C66CX-E/MCG MICROCHIP-93C66CX-E/MCG Datasheet
442Kb / 28P
   4K Microwire Compatible Serial EEPROM
2005
93C66CX-E/MS MICROCHIP-93C66CX-E/MS Datasheet
442Kb / 28P
   4K Microwire Compatible Serial EEPROM
2005
93C66CX-E/MSG MICROCHIP-93C66CX-E/MSG Datasheet
442Kb / 28P
   4K Microwire Compatible Serial EEPROM
2005
93C66CX-E/OT MICROCHIP-93C66CX-E/OT Datasheet
442Kb / 28P
   4K Microwire Compatible Serial EEPROM
2005
More results

Description similaire - 93C66CXIPG

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
93AA66A MICROCHIP-93AA66A_05 Datasheet
442Kb / 28P
   4K Microwire Compatible Serial EEPROM
2005
93LC66BSN MICROCHIP-93LC66BSN Datasheet
303Kb / 25P
   4K Microwire Compatible Serial EEPROM
07/28/03
93LC66AB MICROCHIP-93LC66AB Datasheet
185Kb / 12P
   4K 2.5V Microwire Serial EEPROM
1997
93LC66A MICROCHIP-93LC66A Datasheet
225Kb / 12P
   4K 2.5V Microwire Serial EEPROM
1998 - 2000
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
   1K Microwire Compatible Serial EEPROM
11/29/12
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
   2K Microwire Compatible Serial EEPROM
2003
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
   2K Microwire Compatible Serial EEPROM
2007
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
   8K Microwire Compatible Serial EEPROM
11/29/11
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93LC56BT-I MICROCHIP-93LC56BT-I Datasheet
474Kb / 30P
   2K Microwire Compatible Serial EEPROM
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com