Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GB40A-S36 Fiches technique(PDF) 1 Page - Yuan Dean Scientific., Co, LTD.

No de pièce GB40A-S36
Description  AC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Site Internet  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

GB40A-S36 Fiches technique(HTML) 1 Page - Yuan Dean Scientific., Co, LTD.

  GB40A-S36 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. GB40A-S36 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YUAN DEAN SCIENTIFIC CO.,LTD
GB40A/GB60A SERIES
Rev:0 2018/03/21
FEATURES:
Universal Input 90~264VAC
High Efficiency at 89% Typical
Protection: Short Circuit /Overload/Over voltage
Internal Input Filter
3 Years Warranty
ROHS Compliant
AC-DC Converter
GB40A/GB60A SERIES
30~60Watt
3KVac Isolated
Single Output
Open Frame
Specifications typical at TA=25°C, nominal input voltage
and rated output current unless otherwise specified
Part Number
Output
Wattage
Output
Voltage
Output
Current
Ripple & Noise
Efficiency
(W)
V
(mA)
(mV) max(note)
%(TYP)
GB40A-S03
19.8
3.3
6000
100
72
GB40A-S05
30.0
5
6000
100
78
GB40A-S09
39.6
9
4400
100
80
GB40A-S12
39.6
12
3300
150
85
GB40A-S15
40.0
15
2670
150
86
GB40A-S16
40.0
16
2500
150
86
GB40A-S24
40.0
24
1670
240
88
GB40A-S27
40.0
27
1480
240
88
GB40A-S36
40.0
36
1110
240
88
GB40A-S48
40.8
48
850
240
89
GB60A-S03
26.4
3.3
8000
100
70
GB60A-S05
40.0
5
8000
100
80
GB60A-S09
60.0
9
6670
100
81
GB60A-S12
60.0
12
5000
150
85
GB60A-S15
60.0
15
4000
150
85
GB60A-S16
60.0
16
3750
150
85
GB60A-S24
60.0
24
2500
240
87
GB60A-S27
60.0
27
2200
240
87
GB60A-S36
60.0
36
1670
240
87
GB60A-S48
60.0
48
1250
240
88
YUAN DEAN SCIENTIFIC
Temperature Derating Graph
Ambient Temperature(℃)
100
75
60
50
25
0
-20
50
70
Nature Convection
Input Specifications
Parameters
Conditions
Min
Typ
Max
Units
Rated input voltage
Vo,Io nom
100-240
Vac
Voltage Range
Vo,Io nom
90
264
Vac
Frequency
47
50/60
63
Hz
Inrush Current
At 100Vac
20
A
At 240Vac
40
A
Input Fuse
VDE/UL/CCC FUSE 3.15A/250V


Numéro de pièce similaire - GB40A-S36

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
GB40-125-3P208 TDK-GB40-125-3P208 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB40-125-3P400 TDK-GB40-125-3P400 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB40-125-3P480 TDK-GB40-125-3P480 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB40-42 TDK-GB40-42 Datasheet
88Kb / 2P
   Programmable Power Supplies
logo
GOOD-ARK Electronics
GB402 GOOD-ARK-GB402 Datasheet
116Kb / 2P
   Block Type Automotive Rectifier
More results

Description similaire - GB40A-S36

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com