Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCT3703U-475 Fiches technique(PDF) 3 Page - Nuvoton Technology Corporation

No de pièce NCT3703U-475
Description  300mA Linear Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NCT3703U-475 Fiches technique(HTML) 3 Page - Nuvoton Technology Corporation

  NCT3703U-475 Datasheet HTML 1Page - Nuvoton Technology Corporation NCT3703U-475 Datasheet HTML 2Page - Nuvoton Technology Corporation NCT3703U-475 Datasheet HTML 3Page - Nuvoton Technology Corporation NCT3703U-475 Datasheet HTML 4Page - Nuvoton Technology Corporation NCT3703U-475 Datasheet HTML 5Page - Nuvoton Technology Corporation NCT3703U-475 Datasheet HTML 6Page - Nuvoton Technology Corporation NCT3703U-475 Datasheet HTML 7Page - Nuvoton Technology Corporation NCT3703U-475 Datasheet HTML 8Page - Nuvoton Technology Corporation NCT3703U-475 Datasheet HTML 9Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
NCT3703U
Publication Date: Dec., 2008
-I-
Revision A1
-Table of Content-
1.
GENERAL DESCRIPTION .............................................................................................................. 1
2.
FEATURES ...................................................................................................................................... 1
3.
BLOCK DIAGRAM ........................................................................................................................... 2
4.
PIN CONFIGURATION AND TYPICAL APPLICATION CIRCUIT .................................................. 4
5.
PIN DESCRIPTION.......................................................................................................................... 5
6.
FUNCTIONAL DESCRIPTION ........................................................................................................ 6
6.1
OUTPUT VOLTAGE AND DROPOUT VOLTAGE ................................................................... 6
6.2
NOISE ....................................................................................................................................... 6
6.3
PSRR ........................................................................................................................................ 6
6.4
LOAD REGULATION CONSIDERATION ................................................................................ 7
6.5
CURRENT LIMIT PROTECTION ............................................................................................. 8
6.6
VIN & VOUT CAPACITOR SELECTION ...................................................................................... 8
6.7
OVER TEMPERATURE PROTECTION................................................................................... 8
6.8
LAYOUT NOTE......................................................................................................................... 9
6.9
THERMAL CONSIDERATION.................................................................................................. 9
7.
ELECTRICAL CHARACTERISTIC ................................................................................................ 10
7.1
ABSOLUTE MAXIMUM RATINGS ......................................................................................... 10
7.2
THERMAL INFORMATION .................................................................................................... 11
7.3
RECOMMENDED OPERATING CONDITIONS..................................................................... 11
7.4
ELECTRICAL CHARACTERISTICS....................................................................................... 11
8.
TYPICAL OPERATING WAVEFORMS ......................................................................................... 13
9.
PACKAGE DIMENSION ................................................................................................................ 17
 
TAPING SPECIFICATION.......................................................................................................... 17
10.
ORDERING INFORMATION...................................................................................................... 18
11.
TOP MARKING SPECIFICATION.............................................................................................. 18
12.
REVISION HISTORY ................................................................................................................. 19


Numéro de pièce similaire - NCT3703U-475

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NCT3705U NUVOTON-NCT3705U Datasheet
376Kb / 23P
   500mA Linear Regulator
NCT3705U-12 NUVOTON-NCT3705U-12 Datasheet
376Kb / 23P
   500mA Linear Regulator
NCT3705U-15 NUVOTON-NCT3705U-15 Datasheet
376Kb / 23P
   500mA Linear Regulator
NCT3705U-18 NUVOTON-NCT3705U-18 Datasheet
376Kb / 23P
   500mA Linear Regulator
NCT3705U-25 NUVOTON-NCT3705U-25 Datasheet
376Kb / 23P
   500mA Linear Regulator
More results

Description similaire - NCT3703U-475

FabricantNo de pièceFiches techniqueDescription
logo
Power Analog Micoelectr...
PAM3112 PAM-PAM3112 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
logo
ACE Technology Co., LTD...
ACE525C ACE-ACE525C Datasheet
921Kb / 9P
   300mA High PSRR, Linear Regulator
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8063 BELLING-BL8063 Datasheet
322Kb / 8P
   300mA High PSRR, Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Silicon Standard Corp.
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com