Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCT3012S Fiches technique(PDF) 13 Page - Nuvoton Technology Corporation

No de pièce NCT3012S
Description  Advanced Power Control IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NCT3012S Fiches technique(HTML) 13 Page - Nuvoton Technology Corporation

Back Button NCT3012S Datasheet HTML 9Page - Nuvoton Technology Corporation NCT3012S Datasheet HTML 10Page - Nuvoton Technology Corporation NCT3012S Datasheet HTML 11Page - Nuvoton Technology Corporation NCT3012S Datasheet HTML 12Page - Nuvoton Technology Corporation NCT3012S Datasheet HTML 13Page - Nuvoton Technology Corporation NCT3012S Datasheet HTML 14Page - Nuvoton Technology Corporation NCT3012S Datasheet HTML 15Page - Nuvoton Technology Corporation NCT3012S Datasheet HTML 16Page - Nuvoton Technology Corporation NCT3012S Datasheet HTML 17Page - Nuvoton Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Nuvoton Confidential
Publication Date: Jul., 2009
Revision A0
- 11 -
NCT3012S
8.
TYPICAL APPLICATION REFERENCE CIRCUIT
R10
0R
[SB]PWRBTN#/[SIO]PSIN#
SYS5VSB_OFF
DeepS5_Sel:
Delay 6 seconds to enter Deep S5 at the first power on: Pull-high 10k.
Do not enter Deep S5 at the first power on: Floating (Internal Pull-Down).
SCL
R9
0R
DeepS5_Sel
[SB]PWRBTN#/[SIO]PSIN#
C2
1u
SDA
SCL
R2 10k
[SB]SLP_S5#
SDA
PSIN#
SYS_3VSB
SMBus_Master_SCL
SMBus_Master_SDA
S1
R8
4.7K
SYS_5VSB
R6
10K
Power Switch
ATX_5VSB
R7
4.7K
ATX_5VSB
C3
1u
C4
0.1U
Pull-High
ATX_5VSB
Strapping PIN
R5
1K(1%)
R4
10K
R1
100k
DeepS5_Sel
PANEL SWITCH
Q1
P-P06P03LCG_SOT89-3-RH
SMBus Interface
SYS5VSB_OFF
R3
33
3VCC
C1
0.1U
U1
NCT3012S
ATX_5VSB
1
2
3
4
5
6
7
8
DeepS5_Sel
VSB
PS_IN#
SLP_S5#
SDA
SCLK
PS_OUT#
SYS5VSB_OFF
PSIN#


Numéro de pièce similaire - NCT3012S

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NCT3101S NUVOTON-NCT3101S Datasheet
669Kb / 20P
   Bus Termination Regulator
NCT3107S NUVOTON-NCT3107S Datasheet
559Kb / 21P
   DDR Termination Regulator
NCT3521U NUVOTON-NCT3521U Datasheet
508Kb / 13P
   High-side Power Distribution Switch
NCT3521U-2 NUVOTON-NCT3521U-2 Datasheet
558Kb / 14P
   High-side Power Distribution Switch
NCT3521U-A NUVOTON-NCT3521U-A Datasheet
558Kb / 14P
   High-side Power Distribution Switch
More results

Description similaire - NCT3012S

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IR1169S IRF-IR1169S Datasheet
355Kb / 27P
   ADVANCED SMARTRECTIFIER CONTROL IC
IRS2168DPBF IRF-IRS2168DPBF Datasheet
307Kb / 21P
   ADVANCED PFC BALLAST CONTROL IC
IRS2168D IRF-IRS2168D_15 Datasheet
317Kb / 21P
   ADVANCED PFC BALLAST CONTROL IC
logo
Fairchild Semiconductor
KA7543 FAIRCHILD-KA7543 Datasheet
131Kb / 16P
   Advanced Feedback Dimming Ballast Control IC
logo
International Rectifier
IR11672AS IRF-IR11672AS_11 Datasheet
397Kb / 25P
   ADVANCED SMART RECTIFIER TM CONTROL IC
IR11672AS IRF-IR11672AS Datasheet
1Mb / 25P
   ADVANCED SMART RECTIFIER TM CONTROL IC
IR11662S IRF-IR11662S Datasheet
379Kb / 25P
   ADVANCED SMART RECTIFIER TM CONTROL IC
logo
List of Unclassifed Man...
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
logo
Fuji Electric
FA5502 FUJI-FA5502 Datasheet
215Kb / 23P
   POWER SUPPLY CONTROL IC
logo
Micro Linear Corporatio...
ML4873 MICRO-LINEAR-ML4873 Datasheet
769Kb / 11P
   BATTERY POWER CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com