Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NAU8502YG Fiches technique(PDF) 75 Page - Nuvoton Technology Corporation

No de pièce NAU8502YG
Description  24-bit Stereo Audio ADC with Differential Microphone Inputs
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NAU8502YG Fiches technique(HTML) 75 Page - Nuvoton Technology Corporation

Back Button NAU8502YG Datasheet HTML 71Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 72Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 73Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 74Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 75Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 76Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 77Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 78Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 79Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
NAU8502
emPowerAudio
Datasheet Revision 2.5
Page 75 of 92
March, 2014
12.53
REGISTER 0X5B LEFT CHANNEL PCM TIME SLOT START COUNT
Bit(s)
Addr
Parameter
Function
[8:0]
0x5B
TSLOTL[8:0]
Left Channel PCM Time Slot Start Count [8:0]
12.54
REGISTER 0X5C PCM AND TIME SLOT CONTROL
Bit(s)
Addr
Parameter
Function
[8]
0x5C
PCMTSEN
0 = Only DSP MODE A or MODE B can be used when FORMT=11
1 = PCM Time Slot Mode is enabled when
FORMT=11
[7]
0x5C
TRI
0 = not enabled
1 = when ADCDAT_OEN_SEL (0x5C[2])=1 and
ADCDAT_OEN(0x5C[5)]=0, 2
nd half of LSB will be
Tri-State or pull up / down
[6]
0x5C
PCM8BIT
0 = use WLEN to select the Word Length
1 = Word Length is 8 bit
[5]
0x5C
ADCDAT_OEN
This bit is only effective when
ADCDAT_OEN_SEL(0x5c[2]) = 0
0 = ADCOUT is tri-state or pull up/down before MSB
and after LSB
1 = ADCOUT is always driven 1 or 0 by NAU8502
[4]
0x5C
ADCDAT_PE
0 = no internal weak pull up / down on ADCOUT
1 = internal weak pull up / down on ADCOUT
[3]
0x5C
ADCDAT_PS
0 = internal weak pull down on ADCOUT when
ADCDAT_PE=1
1 = internal weak pull up on ADCOUT when
ADCDAT_PE=1
[2]
0x5C
ADCDAT_OEN_SE
L
0 = use ADCOUTDIS(0x07[7]) to enable or disable
ADCOUT
1 = use ADCDAT_OEN(0x5C[5]) to control ADCOUT
driver
[1]
0x5C
TSLOTR[9]
Right Channel PCM Time Slot Start Count [9]
[0]
0x5C
TSLOTL[9]
Left Channel PCM Time Slot Start Count [9]
12.55
REGISTER 0X5D RIGHT CHANNEL PCM TIME SLOT START COUNT
Bit(s)
Addr
Parameter
Function
[8:0]
0x5D
TSLOTR[8:0]
Right Channel PCM Time Slot Start Count [8:0]
12.56
REGISTER 0X5E ID REGISTERS
Bit(s)
Addr
Parameter
Function
[8:0]
0x5E
REG_SI_REV
Silicon revision set to 0xFE
12.57
REGISTER 0X5F ID REGISTERS
Bit(s)
Addr
Parameter
Function
[8:0]
0x5F
I2C_DEVID
I2C device is set to 0x1A when CSB=0
I2C device is set to 0x1B when CSB=1


Numéro de pièce similaire - NAU8502YG

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NAU8500 NUVOTON-NAU8500 Datasheet
2Mb / 88P
   24-bit Mono Audio ADC with 2-wire Interface Control
NAU8501 NUVOTON-NAU8501 Datasheet
2Mb / 80P
   24-bit Stereo Audio ADC with Differential Microphone Inputs
NAU8501YG NUVOTON-NAU8501YG Datasheet
2Mb / 80P
   24-bit Stereo Audio ADC with Differential Microphone Inputs
More results

Description similaire - NAU8502YG

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NAU8501 NUVOTON-NAU8501 Datasheet
2Mb / 80P
   24-bit Stereo Audio ADC with Differential Microphone Inputs
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Wolfson Microelectronic...
WM8738 WOLFSON-WM8738 Datasheet
157Kb / 15P
   24 BIT STEREO ADC
WM8738 WOLFSON-WM8738_06 Datasheet
137Kb / 18P
   24 Bit Stereo ADC
logo
Analog Devices
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871_15 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Analog Devices
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com