Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NAU8502YG Fiches technique(PDF) 57 Page - Nuvoton Technology Corporation

No de pièce NAU8502YG
Description  24-bit Stereo Audio ADC with Differential Microphone Inputs
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NAU8502YG Fiches technique(HTML) 57 Page - Nuvoton Technology Corporation

Back Button NAU8502YG Datasheet HTML 53Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 54Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 55Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 56Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 57Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 58Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 59Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 60Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 61Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
NAU8502
emPowerAudio
Datasheet Revision 2.5
Page 57 of 92
March, 2014
12 REGISTER DESCRIPTION
There are two dedicated register spaces:
8737 space 0x00 to 0x0F and 0x1C
NAU8502 space from 0x21 and on
The NAU8502 register map have a reserved space from register 0x00 to register 0x0F and 0x1C that mimic the
8737 registers.. Programming in this address space [0x00-0x0F:0x1C] will trigger the appropriate functions in the
NAU8502 via mapping.
Register
Address
Register Bits
Default
DEC HEX
D8
D7
D6
D5
D4
D3
D2
D1
D0
PGA volume
0
0
LVU
LINVOL
C3
1
1
RVU
RINVOL
C3
Audio path
2
2
LMICBOOST
LMBE
LMZC
LPZC
07
3
3
RMICBOOST
RMBE
RMZC
RPZC
07
3D
4
4
00
ADC control
5
5
POLARITY
0
LP
ADC HPD
00
Power Management
6
6
VMID
VREF
AI
PGL
PGR
ADL
ADR
MICBIAS
80
Audio Format and clocking
7
7
SDODIS
MS
FSP
WLEN
FORMAT
0A
8
8
CLKDIV2
SR
00
Mic pre-amp and bias
9
9
MBCTRL
0F
10
A
VMIDSEL
LIN DC EN
RIN DC EN
03
Noise gate and ALC
11
B
ALCMINGAIN
NGTH
NGAT
00
12
C
ALCEN
ALCMAXGAIN
ALCSL
7C
13
D
ALCMODE
ALCZCE
HLD
00
14
E
DCY
ATK
32
Reset
15
F
Software Reset
00
16
10
17
11
18
12
19
13
20
14
21
15
22
16
23
17
24
18
25
19
26
1A
27
1B
28
1C
4
29
1D
30
1E
31
1F
32
20
Power management
33
21
BIASEN
BUFIOEN
00
Audio path selection
34
22
LLINOUTEN
RLINOUTEN
SLEEP
VINSEL
LMICN2BVREF
RMICN2BVREF
00
Register
Address
Register Bits
Default


Numéro de pièce similaire - NAU8502YG

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NAU8500 NUVOTON-NAU8500 Datasheet
2Mb / 88P
   24-bit Mono Audio ADC with 2-wire Interface Control
NAU8501 NUVOTON-NAU8501 Datasheet
2Mb / 80P
   24-bit Stereo Audio ADC with Differential Microphone Inputs
NAU8501YG NUVOTON-NAU8501YG Datasheet
2Mb / 80P
   24-bit Stereo Audio ADC with Differential Microphone Inputs
More results

Description similaire - NAU8502YG

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NAU8501 NUVOTON-NAU8501 Datasheet
2Mb / 80P
   24-bit Stereo Audio ADC with Differential Microphone Inputs
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Wolfson Microelectronic...
WM8738 WOLFSON-WM8738 Datasheet
157Kb / 15P
   24 BIT STEREO ADC
WM8738 WOLFSON-WM8738_06 Datasheet
137Kb / 18P
   24 Bit Stereo ADC
logo
Analog Devices
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871_15 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Analog Devices
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com