Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NAU8502YG Fiches technique(PDF) 39 Page - Nuvoton Technology Corporation

No de pièce NAU8502YG
Description  24-bit Stereo Audio ADC with Differential Microphone Inputs
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NAU8502YG Fiches technique(HTML) 39 Page - Nuvoton Technology Corporation

Back Button NAU8502YG Datasheet HTML 35Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 36Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 37Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 38Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 39Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 40Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 41Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 42Page - Nuvoton Technology Corporation NAU8502YG Datasheet HTML 43Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
NAU8502
emPowerAudio
Datasheet Revision 2.5
Page 39 of 92
March, 2014
Separate from this ADC clock subsystem, audio data are clocked to and from the 8502 by means of the control
logic described in the Digital Audio Interfaces section. The Frame Sync (FS) and Bit Clock (BCLK) pins in the
Digital Audio Interface manage the audio bit rate and audio sample rate for this data flow.
It is important to understand that the Digital Audio Interface does not determine the sampling rate for the ADC
data converters, and instead, this rate is derived exclusively from the Internal Master Clock (IMCLK).
It is
therefore a requirement that the Digital Audio Interface and data converters be operated synchronously, and that
the FS, BCLK, and IMCLK signals are all derived from a common reference frequency. If these three clock
signals are not synchronous, audio quality will be reduced.
The IMCLK is always exactly 256 times the sampling rate of the data converters. IMCLK is output from the Master
Clock Prescaler. The prescaler reduces by an integer division factor the input frequency input clock. The source
of this input frequency clock is either the external MCLK pin, or the output from the internal PLL Block.
In Master Mode, the IMCLK signal is used to generate FS and BCLK signals that are driven onto the FS and
BCLK pins and input to the Digital Audio Interface. FS is always IMCLK/256 and the duty cycle of FS is
automatically adjusted to be correct for the mode selected in the Digital Audio Interface. The frequency of BCLK
may optionally be divided to optimize the bit clock rate for the application scenario.
In Slave Mode, there is no connection between IMCLK and the FS and BCLK pins. In this mode, FS and BCLK
are strictly input pins, and it is the responsibility of the system designer to ensure that FS, BCLK, and IMCLK are
synchronous and scaled appropriately for the application.
Addr
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x07
SDODIS
MS
FSP
WLEN
FORMAT
0A
0x26
CLKM
MCLKSEL[2:0]
BCLKSEL[2:0]
PLLEN
0x140
0x27
SMPLR[3:1]
SLOWCLKEN
0x000
0x44
PLLMCLK
PLLN_A[3:0]
0x008
0x45
PLLK_A[23:18]
0x00C
0x46
PLLK_A[17:9]
0x093
0x47
PLLK_A[8:0]
0x0E9
0x44
PLLREGSEL
PLLMCLK
PLLN_B[3:0]
0x008
0x45
PLLK_B[23:18]
0x00C
0x46
PLLK_B[17:9]
0x093
0x47
PLLK_B[8:0]
0x0E9
Table 20: Registers associated with PLL
11.9.1
Phase Locked Loop (PLL) General Description
The PLL may be optionally used to multiply an external input clock reference frequency by a high resolution
fractional number. To enable the use of the widest possible range of external reference clocks, the PLL block


Numéro de pièce similaire - NAU8502YG

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NAU8500 NUVOTON-NAU8500 Datasheet
2Mb / 88P
   24-bit Mono Audio ADC with 2-wire Interface Control
NAU8501 NUVOTON-NAU8501 Datasheet
2Mb / 80P
   24-bit Stereo Audio ADC with Differential Microphone Inputs
NAU8501YG NUVOTON-NAU8501YG Datasheet
2Mb / 80P
   24-bit Stereo Audio ADC with Differential Microphone Inputs
More results

Description similaire - NAU8502YG

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NAU8501 NUVOTON-NAU8501 Datasheet
2Mb / 80P
   24-bit Stereo Audio ADC with Differential Microphone Inputs
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Wolfson Microelectronic...
WM8738 WOLFSON-WM8738 Datasheet
157Kb / 15P
   24 BIT STEREO ADC
WM8738 WOLFSON-WM8738_06 Datasheet
137Kb / 18P
   24 Bit Stereo ADC
logo
Analog Devices
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871_15 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Analog Devices
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com