Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISD5116EYI Fiches technique(PDF) 31 Page - Nuvoton Technology Corporation

No de pièce ISD5116EYI
Description  SINGLE-CHIP
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD5116EYI Fiches technique(HTML) 31 Page - Nuvoton Technology Corporation

Back Button ISD5116EYI Datasheet HTML 27Page - Nuvoton Technology Corporation ISD5116EYI Datasheet HTML 28Page - Nuvoton Technology Corporation ISD5116EYI Datasheet HTML 29Page - Nuvoton Technology Corporation ISD5116EYI Datasheet HTML 30Page - Nuvoton Technology Corporation ISD5116EYI Datasheet HTML 31Page - Nuvoton Technology Corporation ISD5116EYI Datasheet HTML 32Page - Nuvoton Technology Corporation ISD5116EYI Datasheet HTML 33Page - Nuvoton Technology Corporation ISD5116EYI Datasheet HTML 34Page - Nuvoton Technology Corporation ISD5116EYI Datasheet HTML 35Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 31 -
Revision 1.42
6.4.4
Volume Control Description
VOL
SUM2
VOL
MUX
SUM1
INP
2
ANA IN AMP
VOLUME
CONTROL
(VLS1,VLS0)
3
(VOL2,VOL1,VOL0)
1 (VLPD)
VLPD
CONDITION
0
Power Up
1
Power Down
VLS1 VLS0 SOURCE
0
0
ANA IN AMP
0
1
SUM2
1
0
SUM1
1
1
INP
VOL2
VOL1
VOL
0
ATTENUATION
0
0
0
0 dB
0
0
1
4 dB
0
1
0
8 dB
0
1
1
12 dB
1
0
0
16 dB
1
0
1
20 dB
1
1
0
24 dB
1
1
1
28 dB
INS0
AIG1
AIG0 AIPD
AXG1 AXG0 AXPD
AOS2AOS1 AOS0AOPD OPS1 OPS0
OPA1 OPA0 VLPD
CFG0
1 5
14
1 3
12
1 1
10
98
7
6
54
32
10
VLS1
VLS0
VOL2VOL1
S1 S1
S1S0
S1M1
S1 M0 S2M1
S2M0
FLS0FLD1FLD0
FLPD
AGPD
CFG1
VOL0


Numéro de pièce similaire - ISD5116EYI

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
ISD5116E WINBOND-ISD5116E Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
ISD5116ED WINBOND-ISD5116ED Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
ISD5116EI WINBOND-ISD5116EI Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
More results

Description similaire - ISD5116EYI

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
BCM6348 BOARDCOM-BCM6348 Datasheet
132Kb / 1P
   SINGLE CHIP ADSL2 CPE CHIP
logo
STMicroelectronics
STLC2500 STMICROELECTRONICS-STLC2500 Datasheet
241Kb / 23P
   BLUETOOTH??SINGLE CHIP
May 2004 REV. 1
logo
Renesas Technology Corp
M16C-100PIN-GP RENESAS-M16C-100PIN-GP Datasheet
287Kb / 9P
   SINGLE-CHIP MICROCOMPUTER
M38049FFLSP RENESAS-M38049FFLSP_06 Datasheet
246Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
R8C-20PIN RENESAS-R8C-20PIN Datasheet
292Kb / 10P
   SINGLE-CHIP MICROCOMPUTER
H8S-2128 RENESAS-H8S-2128 Datasheet
3Mb / 843P
   Single-Chip Microcomputer
H83397 RENESAS-H83397 Datasheet
2Mb / 747P
   Single-Chip Microcomputer
logo
Hitachi Semiconductor
HD6475348R HITACHI-HD6475348R Datasheet
1Mb / 487P
   Single-Chip Microcomputer
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A_15 Datasheet
502Kb / 2P
   Single Chip Solution
logo
Roithner LaserTechnik G...
JET-735-05 ROITHNER-JET-735-05 Datasheet
515Kb / 2P
   single chip design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com