Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M58-ZC Fiches technique(PDF) 38 Page - Nuvoton Technology Corporation

No de pièce M58-ZC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M58-ZC Fiches technique(HTML) 38 Page - Nuvoton Technology Corporation

Back Button M58-ZC Datasheet HTML 34Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 35Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 36Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 37Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 38Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 39Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 40Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 41Page - Nuvoton Technology Corporation M58-ZC Datasheet HTML 42Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 38 -
Revision V1.01
6.4.1.3
Open-Drain Mode Explanation
Set Px_PMD
(PMDn[1:0]) to 2’b10 the Px[n] pin is in Open-Drain mode and the I/O pin supports
digital output function but only with sink current capability, an additional pull-up resister is needed
for driving high state. If the bit value in the corresponding bit [n] of Px_DOUT is “0”, the pin drive a
“low” output on the pin. If the bit value in the corresponding bit [n] of Px_DOUT is “1”, the pin
output drives high that is controlled by the internal pull-up resistor or the external pull high
resistor.
Port Pin
Port Latch
Data
N
Input Data
Figure 6-11 Open-Drain Output
6.4.1.4
Quasi-bidirectional Mode Explanation
Set Px_PMD
(PMDn[1:0]) to 2’b11 the Px[n] pin is in Quasi-bidirectional mode and the I/O pin
supports digital output and input function at the same time but the source current is only up to
hundreds uA. Before the digital input function is performed the corresponding bit in Px_DOUT
must be set to 1. The quasi-bidirectional output is common on the 80C51 and most of its
derivatives. If the bit value in the corresponding bit [n] of Px_DOUT is “0”, the pin drive a “low”
output on the pin. If the bit value in the corresponding bit [n] of Px_DOUT is “1”, the pin will check
the pin value. If pin value is high, no action takes. If pin state is low, then pin will drive strong high
with 2 clock cycles on the pin and then disable the strong output drive and then the pin status is
control by internal pull-up resistor. Note that the source current capability in quasi-bidirectional
mode is only about 200uA to 30uA for VDD is form 5.0V to 2.5V
Port Pin
2 CPU
Clock Delay
Input Data
Port Latch
Data
P
P
P
N
VDD
Strong
Very
Weak
Weak


Numéro de pièce similaire - M58-ZC

FabricantNo de pièceFiches techniqueDescription
logo
Harwin Plc
M58-2500342R HARWIN-M58-2500342R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2500442R HARWIN-M58-2500442R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2500842R HARWIN-M58-2500842R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-2501042R HARWIN-M58-2501042R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
More results

Description similaire - M58-ZC

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com