Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M52ZC Fiches technique(PDF) 45 Page - Nuvoton Technology Corporation

No de pièce M52ZC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M52ZC Fiches technique(HTML) 45 Page - Nuvoton Technology Corporation

Back Button M52ZC Datasheet HTML 41Page - Nuvoton Technology Corporation M52ZC Datasheet HTML 42Page - Nuvoton Technology Corporation M52ZC Datasheet HTML 43Page - Nuvoton Technology Corporation M52ZC Datasheet HTML 44Page - Nuvoton Technology Corporation M52ZC Datasheet HTML 45Page - Nuvoton Technology Corporation M52ZC Datasheet HTML 46Page - Nuvoton Technology Corporation M52ZC Datasheet HTML 47Page - Nuvoton Technology Corporation M52ZC Datasheet HTML 48Page - Nuvoton Technology Corporation M52ZC Datasheet HTML 49Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 71 page
background image
NuMicro
M052/M054BN Datasheet
Publication Release Date: Mar. 19, 2012
- 45 -
Revision V1.01
6.8
Timer Controller
6.8.1
Overview
NuMicro M051
series timer controller includes four 32-bit timers, which allows user to easily
implement a timer control for applications. The timer can perform functions like frequency
measurement, event counting, interval measurement, clock generation, delay timing, and so on.
The timer can generates an interrupt signal upon timeout, or provide the current counting value
during operation.
6.8.2
Features:
4 sets of 32-bit timers with 24-bit up-timer and one 8-bit pre-scale counter
Independent clock source for each timer
Provides one-shot, periodic, toggle and continuous counting operation modes
Time out period = (Period of timer clock input) * (8-bit pre-scale counter + 1) * (24-bit TCMP)
Maximum counting cycle time = (1 / T MHz) * (2
8) * (224), T is the period of timer clock
24-bit timer value is readable through TDR (Timer Data Register)
Support event counting function to count the event from external pin
Support input capture function to capture or reset counter value


Numéro de pièce similaire - M52ZC

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
M52 MACOM-M52 Datasheet
130Kb / 2P
   TRIPLE-BALANCED MIXER
M52 MACOM-M52 Datasheet
513Kb / 3P
   Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M52 MA-COM-M52 Datasheet
1Mb / 3P
   Triple-Balanced Mixer
logo
DIYI Electronic Technol...
M52 DYELEC-M52 Datasheet
868Kb / 2P
   Excellent power volume ratio
logo
Harwin Plc
M52-040000P0545 HARWIN-M52-040000P0545 Datasheet
59Kb / 1P
   1.27mm PITCH SIL SURFACE MOUNT PIN HEADER
More results

Description similaire - M52ZC

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com