Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M54LC Fiches technique(PDF) 19 Page - Nuvoton Technology Corporation

No de pièce M54LC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M54LC Fiches technique(HTML) 19 Page - Nuvoton Technology Corporation

Back Button M54LC Datasheet HTML 15Page - Nuvoton Technology Corporation M54LC Datasheet HTML 16Page - Nuvoton Technology Corporation M54LC Datasheet HTML 17Page - Nuvoton Technology Corporation M54LC Datasheet HTML 18Page - Nuvoton Technology Corporation M54LC Datasheet HTML 19Page - Nuvoton Technology Corporation M54LC Datasheet HTML 20Page - Nuvoton Technology Corporation M54LC Datasheet HTML 21Page - Nuvoton Technology Corporation M54LC Datasheet HTML 22Page - Nuvoton Technology Corporation M54LC Datasheet HTML 23Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
NuMicro
M052/M054BN Datasheet
Publication Release Date: Mar. 19, 2012
- 19 -
Revision V1.01
Pin number
Symbol
Alternate Function
Type
[1]
Description
QFN33
LQFP48
1
2
3
16
23
P2.4
PWM4
[2]
AD12
D,
I/O
The CPO1 pin is the output of Comparator1.
17
25
P2.5
PWM5
[2]
AD13
D,
I/O
18
26
P2.6
PWM6
[2]
AD14
CPO1
D,
I/O
NC
27
P2.7
PWM7
[2]
AD15
D,
I/O
3
5
P3.0
RXD
[2]
CPN1
I/O
PORT3: Port 3 is an 8-bit four mode output pin
and two mode input. Its multifunction pins are
for RXD, TXD,
0
INT ,
1
INT , T0, T1, WR ,
and
RD .
The RXD/TXD pins are for UART0 function
used.
The SDA/SCK pins are for I
2C function used.
MCLK: EBI clock output pin.
CKO: HCLK clock output
The STADC pin is for ADC external trigger
input.
The CPN1/CPP1 pins are for Comparator1
negative/positive inputs.
The CPO0 pin is the output of Comparator0.
The T0/T1 pins are for Timer0/1 external even
counter input.
The T0EX/T1EX pins are for external
capture/reset trigger input of Timer0/1.
5
7
P3.1
TXD
[2]
CPP1
I/O
6
8
P3.2
0
INT
STADC
T0EX
I/O
NC
9
P3.3
1
INT
MCLK
T1EX
I/O
7
10
P3.4
T0
SDA
I/O
8
11
P3.5
T1
SCL
I/O
9
13
P3.6
WR
CKO
CPO0
I/O
NC
14
P3.7
RD
I/O
NC
24
P4.0
PWM0
[2]
T2EX
I/O
PORT4: Port 4 is an 8-bit four mode output pin
and two mode input. Its multifunction pins are
for /CS, ALE, ICE_CLK and ICE_DAT.
CS for EBI (External Bus Interface) used.
ALE (Address Latch Enable) is used to enable
the address latch that separates the address
from the data on Port 0 and Port 2.
NC
36
P4.1
PWM1
[2]
T3EX
I/O
NC
48
P4.2
PWM2
[2]
I/O
NC
12
P4.3
PWM3
[2]
I/O


Numéro de pièce similaire - M54LC

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M54-LC NUVOTON-M54-LC Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
M54-LE NUVOTON-M54-LE Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
M54-LN NUVOTON-M54-LN Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
M54-ZC NUVOTON-M54-ZC Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
M54-ZE NUVOTON-M54-ZE Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
More results

Description similaire - M54LC

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com