Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M52LC Fiches technique(PDF) 11 Page - Nuvoton Technology Corporation

No de pièce M52LC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M52LC Fiches technique(HTML) 11 Page - Nuvoton Technology Corporation

Back Button M52LC Datasheet HTML 7Page - Nuvoton Technology Corporation M52LC Datasheet HTML 8Page - Nuvoton Technology Corporation M52LC Datasheet HTML 9Page - Nuvoton Technology Corporation M52LC Datasheet HTML 10Page - Nuvoton Technology Corporation M52LC Datasheet HTML 11Page - Nuvoton Technology Corporation M52LC Datasheet HTML 12Page - Nuvoton Technology Corporation M52LC Datasheet HTML 13Page - Nuvoton Technology Corporation M52LC Datasheet HTML 14Page - Nuvoton Technology Corporation M52LC Datasheet HTML 15Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
NuMicro
M052/M054BN Datasheet
Publication Release Date: Mar. 19, 2012
- 11 -
Revision V1.01
Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer.
Programmable clocks allow versatile rate control.
Supports multiple address recognition (four slave address with mask option)
ADC
12-bit SAR ADC with 760k SPS
Up to 8-ch single-ended input or 4-ch differential input
Supports single mode/burst mode/single-cycle scan mode/continuous scan mode
Supports 2’ complement/un-signed format in differential mode conversion result
Each channel with an individual result register
Supports conversion value monitoring (or comparison) for threshold voltage detection
Conversion can be started either by software trigger or external pin trigger
Analog Comparator
Up to 2 comparator analog modules
External input or internal band gap voltage selectable at negative node
Interrupt when compare result change
Power down wake up
EBI (External Bus Interface) for external memory-mapped device access
Accessible space: 64KB in 8-bit mode or 128KB in 16-bit mode
Supports 8-bit/16-bit data width
Supports byte-write in 16-bit data width
In-System Programming (ISP) and In-Circuit Programming (ICP)
One built-in temperature sensor with 1℃ resolution
Brown-Out Detector
With 4 levels: 4.3V/3.7V/2.7V/2.2V


Numéro de pièce similaire - M52LC

FabricantNo de pièceFiches techniqueDescription
logo
Elite Semiconductor Mem...
M52L32321A ESMT-M52L32321A Datasheet
870Kb / 30P
   512K x 32Bit x 2Banks Synchronous DRAM
M52L32321A-10BG ESMT-M52L32321A-10BG Datasheet
870Kb / 30P
   512K x 32Bit x 2Banks Synchronous DRAM
M52L32321A-6BG ESMT-M52L32321A-6BG Datasheet
870Kb / 30P
   512K x 32Bit x 2Banks Synchronous DRAM
M52L32321A-7.5BG ESMT-M52L32321A-7.5BG Datasheet
870Kb / 30P
   512K x 32Bit x 2Banks Synchronous DRAM
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results

Description similaire - M52LC

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com