Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M54ZE Fiches technique(PDF) 47 Page - Nuvoton Technology Corporation

No de pièce M54ZE
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M54ZE Fiches technique(HTML) 47 Page - Nuvoton Technology Corporation

Back Button M54ZE Datasheet HTML 43Page - Nuvoton Technology Corporation M54ZE Datasheet HTML 44Page - Nuvoton Technology Corporation M54ZE Datasheet HTML 45Page - Nuvoton Technology Corporation M54ZE Datasheet HTML 46Page - Nuvoton Technology Corporation M54ZE Datasheet HTML 47Page - Nuvoton Technology Corporation M54ZE Datasheet HTML 48Page - Nuvoton Technology Corporation M54ZE Datasheet HTML 49Page - Nuvoton Technology Corporation M54ZE Datasheet HTML 50Page - Nuvoton Technology Corporation M54ZE Datasheet HTML 51Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 71 page
background image
NuMicro
M052/M054BN Datasheet
Publication Release Date: Mar. 19, 2012
- 47 -
Revision V1.01
110
2
16 * T
WDT
1024 * TWDT
6.5536 s ~ 6.656 s
111
2
18 * T
WDT
1024 * TWDT
26.2144 s ~ 26.3168 s
Table 6-2 Watchdog Timeout Interval Selection
TTIS
RST
INT
1024 * TWDT
63 * TWDT
Minimum TWTR
TINT
TRST
Maximum TWTR
TWDT
T
WDT : Watchdog Engine Clock Time Period
T
TIS
: Watchdog Timeout Interval Selection Period
T
INT
: Watchdog Interrupt Period
T
RST
: Watchdog Reset Period
T
WTR : Watchdog Timeout Interval Period
Figure 6-14 Timing of Interrupt and Reset Signal
6.9.2
Features
 18-bit free running counter to avoid chip from Watchdog timer reset before the delay time
expires.
 Selectable time-out interval (2
4 ~ 218) and the time out interval is 104 ms ~ 26.3168 s (if
WDT_CLK = 10 kHz).
 Reset period = (1 / 10 kHz) * 63, if WDT_CLK = 10 kHz.


Numéro de pièce similaire - M54ZE

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M54-LC NUVOTON-M54-LC Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
M54-LE NUVOTON-M54-LE Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
M54-LN NUVOTON-M54-LN Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
M54-ZC NUVOTON-M54-ZC Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
M54-ZE NUVOTON-M54-ZE Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
More results

Description similaire - M54ZE

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com